データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB08N04J3-0-T3-G データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 MTB08N04J3-0-T3-G
部品情報  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB08N04J3-0-T3-G データシート(HTML) 2 Page - Cystech Electonics Corp.

  MTB08N04J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB08N04J3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C892J3
Issued Date : 2014.05.29
Revised Date :
Page No. : 2/9
MTB08N04J3
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
40
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current @ TC=25
°C
60
Continuous Drain Current @ TC=100
°C
38
Continuous Drain Current @ TA=25
°C
*2
13
Continuous Drain Current @ TA=100
°C
*2
8.2
Continuous Drain Current @ TA=25
°C
*3
11
Continuous Drain Current @ TA=100
°C
*3
ID
7.0
Pulsed Drain Current *1
IDM
140
Avalanche Current
IAS
18
A
Avalanche Energy @ L=1mH, ID=18A, RG=25Ω
EAS
162
mJ
Total Power Dissipation @TC=25℃
50
Total Power Dissipation @TC=100℃
20
Total Power Dissipation @TA=25℃
2.5
Total Power Dissipation @TA=100℃
1.0
Total Power Dissipation @TA=25℃
1.7
Total Power Dissipation @TA=100℃
PD
0.7
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
2.5
Thermal Resistance, Junction-to-ambient, max
*2
50
Thermal Resistance, Junction-to-ambient, max
*3
Rth,j-a
75
°C/W
Note : *1
. Pulse width limited by maximum junction temperature
*2. When the device is mounted on 1 in²FR-4 board with 2 oz. copper.
*3. When the device is on the minimum pad size recommended.
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
40
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.03
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1.5
2.1
2.5
V
VDS =VGS, ID=250μA
GFS *1
-
20
-
S
VDS =5V, ID=10A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
1
VDS =32V, VGS =0V
IDSS
-
-
25
μA
VDS =32V, VGS =0, Tj=125
°C
-
5.4
8.5
VGS =10V, ID=15A
RDS(ON) *1
-
9.0
13.5
VGS =5V, ID=10A


同様の部品番号 - MTB08N04J3-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB080C10Q8 CYSTEKEC-MTB080C10Q8 Datasheet
475Kb / 12P
   N- and P-channel enhancement mode power MOSFET
MTB080C10Q8-0-T3-G CYSTEKEC-MTB080C10Q8-0-T3-G Datasheet
475Kb / 12P
   N- and P-channel enhancement mode power MOSFET
MTB080N15J3 CYSTEKEC-MTB080N15J3 Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080N15J3-0-T3-G CYSTEKEC-MTB080N15J3-0-T3-G Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB08N04J3-0-T3-G

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com