データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM-180-AMC-180 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 AM-180-AMC-180
部品情報  Cascadable Thin Film Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-180-AMC-180 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-180-AMC-180_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-180-AMC-180_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-180-AMC-180_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Thin Film Amplifier,
10 dB Gain, 10 - 2000 MHz
Rev. V4
AM-180 / AMC-180
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
8.7
9.7
10.7
Frequency Response
dB
±1.0
Gain Variation with
Temperature
dB
±1.0
1 dB Compression
Output Power
dBm
+13
Noise Figure
dB
7.0
Reverse Transmission
dB
-14
-12
VSWR
Ratio
2:1
Output IP2
Two-Tone inputs up to 0 dBm
dBm
+39
Output IP3
Two-Tone inputs up to 0 dBm
dBm
+25
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
45
50
Power Dissipation
@ +15 V Bias
mW
680
Frequency
1000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 800 mW must be
provided in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
10
0.20/-156.1
2.97/-173.1
0.17/8.6
0.24/166.9
20
0.21/-169.7
2.98/-177.4
0.17/4.4
0.23/170.3
40
0.22/-174.2
3.01/179.0
0.18/1.7
0.22/171.1
100
0.23/174.3
3.02/171.6
0.18/-1.4
0.21/166.1
200
0.18/170.9
3.01/162.0
0.18/-4.5
0.20/154.5
500
0.13/149.3
3.05/134.3
0.19/-14.1
0.18/113.3
1000
0.07/-140.6
3.12/86.4
0.20/-35.9
0.17/5.5
1500
0.18/-133.3
3.05/32.4
0.18/-59.6
0.20/-93.3
2000
0.24/168.2
3.01/-23.7
0.17/-76.2
0.26/-147.3
S-Parameter Data


同様の部品番号 - AM-180-AMC-180_15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
More results

同様の説明 - AM-180-AMC-180_15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
AM-176-AMC-176 MA-COM-AM-176-AMC-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier
AMC-183_V5 MA-COM-AMC-183_V5 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA-6232 TELEDYNE-PSA-6232 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier
logo
M/A-COM Technology Solu...
AM-182-AMC-182 MA-COM-AM-182-AMC-182_15 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
AM-177 MA-COM-AM-177_15 Datasheet
443Kb / 3P
   Cascadable Thin Film Amplifier
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA4132 TELEDYNE-PSA4132 Datasheet
98Kb / 4P
   Thin-Film Cascadable Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com