データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM-184-AMC-184 データシート(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

部品番号 AM-184-AMC-184
部品情報  Cascadable Thin Film Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-184-AMC-184 データシート(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM-184-AMC-184_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-184-AMC-184_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-184-AMC-184_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Cascadable Thin Film Amplifier,
20 dB Gain, 10 - 2000 MHz
Rev. V4
AM-184 / AMC-184
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves


同様の部品番号 - AM-184-AMC-184_15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
More results

同様の説明 - AM-184-AMC-184_15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
AM-176-AMC-176 MA-COM-AM-176-AMC-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier
AMC-183_V5 MA-COM-AMC-183_V5 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA-6232 TELEDYNE-PSA-6232 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180_15 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-182-AMC-182 MA-COM-AM-182-AMC-182_15 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
AM-177 MA-COM-AM-177_15 Datasheet
443Kb / 3P
   Cascadable Thin Film Amplifier
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA4132 TELEDYNE-PSA4132 Datasheet
98Kb / 4P
   Thin-Film Cascadable Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com