データシートサーチシステム |
|
ADM1014 データシート(PDF) 4 Page - Analog Devices |
|
ADM1014 データシート(HTML) 4 Page - Analog Devices |
4 / 12 page –4– REV. PrN 1/02 ADM1014–SPECIFICATIONS PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS* (TA = +25°C unless otherwise noted) VCC , 12VIN . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +14.0V 12VO, 12VG, 3V5VG . . . . . . . . . . -0.5V to V 12VIN +0.5V -12VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . -14.0V to +0.5V -12VO, -12VG . . . . . . . . . . . . . . . . . . . V-12VIN -0.5V to +0.5V 3VISEN, 5VISEN . . . -0.5V to the Lesser of 12VIN or +7.0V Voltage, Any Other Pin . . . . . . . . . . . . . . . . . . -0.5V to +7.0V 12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A -12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8A Continuous Power Dissipation (TA = +70 oC) . . . . . . 667mW TSSOP (derate 8.3mW/ oC above +70 oC) Operating Temperature Range Commercial (J Version) . . . . . . . . . . . . . . . . 0°C to +70°C Storage Temperature Range . . . . . . . . . . . –65°C to +150°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300°C *This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this speci- fication is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. THERMAL CHARACTERISTICS 38-Pin TSSOP Package: qJA = 100°C/Watt, qJC = 10°C/Watt ORDERING GUIDE Temperature Package Package Model Range Description Option ADM1014JRU 0°C to +70°C 38-Pin TSSOP RU-38 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 M12V OA M12V GA PWRONA FLTNA FAUXA OCSE T AUXGA AUXOA 12VGA 12VOA 12VOB 12VGB AUXOB AUXGB FAUXB FLTNB PWRONB M12V GB M12V OB M12V INA 3VISE NA 3VSA 5VISE NA 5VSA 3V5V GA GND AUXINA PAUX ONA 12VINA 12VINB PAUX ONB AUXINB 3V5V GB 5VSB 5VISE NB 3VSB 3VISE NB M12V INB 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 ADM1014 TOP VIEW (Not to Scale) PRELIMINARY TECHNICAL DATA |
同様の部品番号 - ADM1014_15 |
|
同様の説明 - ADM1014_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |