データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1052 データシート(PDF) 2 Page - Analog Devices

部品番号 ADM1052
部品情報  Precision Dual Voltage Regulator Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1052 データシート(HTML) 2 Page - Analog Devices

  ADM1052_15 Datasheet HTML 1Page - Analog Devices ADM1052_15 Datasheet HTML 2Page - Analog Devices ADM1052_15 Datasheet HTML 3Page - Analog Devices ADM1052_15 Datasheet HTML 4Page - Analog Devices ADM1052_15 Datasheet HTML 5Page - Analog Devices ADM1052_15 Datasheet HTML 6Page - Analog Devices ADM1052_15 Datasheet HTML 7Page - Analog Devices ADM1052_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
ADM1052–SPECIFICATIONS
(VCC = 12 V
6%, VIN = 3.3 V, TA = 0 C to 70 C, both channels, unless otherwise
noted. See Test Circuit.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
Channel 1, Channel 2
2.525
V
SHDN1, SHDN2 Floating
OUTPUT VOLTAGE ACCURACY
–2.5
+2.5
%
VIN = 3.0 V to 3.6 V, IOUT = 10 mA to 1 A
Load Regulation
–5
+5
mV
VIN = 3.3 V, IOUT = 10 mA to 1 A
1
Line Regulation
–5
+5
mV
VIN = 3.0 V to 3.6 V, IOUT = 1 A
1
CONTROL AMPLIFIER
Control Amplifier Open-Loop Gain
100
dB
Control Amplifier Slew Rate
3
V/
µs
Closed-Loop Settling Time
5
µsI
O = 10 mA to 2 A
Turn-On Time
5
µs
To 90% of Force High Output Level (CL = 470 pF)
Sense Input Impedance
1
50
k
Force Output Voltage Swing, VF (High)
10
V
RL = 10 k
Ω to GND
Force Output Voltage Swing, VF (Low)
2
V
RL = 10 k
Ω to V
CC
HICCUP MODE
Hiccup Mode Hold-Off Time
30
60
90
ms
Figure 2
Hiccup Mode Threshold
0.8
× V
OUT
V
Hiccup Comparator Glitch Immunity
100
µs
Hiccup Mode On-Time
0.5
1.0
1.5
ms
Hiccup Mode Off-Time
20
40
60
ms
Power-On Reset Threshold
6
9
V
SHUTDOWN,
SHDN1, SHDN2
Shutdown Input Low Voltage, VIL
0.8
V
Shutdown Input High Voltage, VIH
2.0
V
Supply Current, Normal Operation
2.4
4.0
mA
Shutdown Inputs Floating
Supply Current, Shutdown Mode
600
1000
µA
Both Channels Shut Dow
n
NOTES
1Guaranteed by design.
Specifications subject to change without notice.


同様の部品番号 - ADM1052_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1052JR AD-ADM1052JR Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
More results

同様の説明 - ADM1052_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
   Precision Voltage Regulator Controller
REV. B
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051 Datasheet
176Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
   Precision Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com