データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1172 データシート(PDF) 7 Page - Analog Devices

部品番号 ADM1172
部品情報  2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1172 データシート(HTML) 7 Page - Analog Devices

Back Button ADM1172_15 Datasheet HTML 3Page - Analog Devices ADM1172_15 Datasheet HTML 4Page - Analog Devices ADM1172_15 Datasheet HTML 5Page - Analog Devices ADM1172_15 Datasheet HTML 6Page - Analog Devices ADM1172_15 Datasheet HTML 7Page - Analog Devices ADM1172_15 Datasheet HTML 8Page - Analog Devices ADM1172_15 Datasheet HTML 9Page - Analog Devices ADM1172_15 Datasheet HTML 10Page - Analog Devices ADM1172_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADM1172
Rev. A | Page 7 of 16
10
0
0
18
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
9
8
7
6
5
4
3
2
1
Figure 10. Delta GATE Voltage vs. Supply Voltage
10
0
–50
150
TEMPERATURE (°C)
–25
0
25
50
75
100
125
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
9
8
7
6
5
4
3
2
1
Figure 11. Delta GATE Voltage vs. Temperature
0
–10
0
18
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
TA = 25°C
–1
–2
–3
–4
–5
–6
–7
–8
–9
Figure 12. ITIMERUP (In Initial Cycle) vs. Supply Voltage
0
–10
–50
150
TEMPERATURE (°C)
VCC = 5V
–1
–2
–3
–4
–5
–6
–7
–8
–9
–25
0
25
50
75
100
125
Figure 13. ITIMERUP (In Initial Cycle) vs. Temperature
–20
–100
0
18
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
TA = 25°C
–30
–40
–50
–60
–70
–80
–90
Figure 14. ITIMERUP (During Cct Breaker Delay) vs. Supply Voltage
–20
–100
–50
150
TEMPERATURE (°C)
VCC = 5V
–25
0
25
50
75
100
125
–30
–40
–50
–60
–70
–80
–90
Figure 15. ITIMERUP (During Cct Breaker Delay) vs. Temperature


同様の部品番号 - ADM1172_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1172-1AUJZ-RL7 AD-ADM1172-1AUJZ-RL7 Datasheet
228Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. 0
More results

同様の説明 - ADM1172_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1172 AD-ADM1172 Datasheet
228Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. 0
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com