データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1177 データシート(PDF) 5 Page - Analog Devices

部品番号 ADM1177
部品情報  Hot Swap Controller and Digital Power Monitor with Soft Start Pin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1177 データシート(HTML) 5 Page - Analog Devices

  ADM1177_15 Datasheet HTML 1Page - Analog Devices ADM1177_15 Datasheet HTML 2Page - Analog Devices ADM1177_15 Datasheet HTML 3Page - Analog Devices ADM1177_15 Datasheet HTML 4Page - Analog Devices ADM1177_15 Datasheet HTML 5Page - Analog Devices ADM1177_15 Datasheet HTML 6Page - Analog Devices ADM1177_15 Datasheet HTML 7Page - Analog Devices ADM1177_15 Datasheet HTML 8Page - Analog Devices ADM1177_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADM1177
Rev. C | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC Pin
20 V
SENSE Pin
20 V
TIMER Pin
−0.3 V to +6 V
ON Pin
−0.3 V to +20 V
SS Pin
−0.3 V to +6 V
GATE Pin
30 V
SDA Pin, SCL Pin
−0.3 V to +7 V
ADR Pin
−0.3 V to +6 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
10-Lead MSOP
137.5
°C/W
ESD CAUTION


同様の部品番号 - ADM1177_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1177-1ARMZ-R7 AD-ADM1177-1ARMZ-R7 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
More results

同様の説明 - ADM1177_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
LTC4287 AD-LTC4287 Datasheet
2Mb / 77P
   High Power Positive Hot Swap Controller with Power Monitor
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com