データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD12P10 データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 FQD12P10
部品情報  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FQD12P10 データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FQD12P10 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FQD12P10 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FQD12P10 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FQD12P10 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
FQD12P10 (KQD12P10)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-100
V
VDS=-100V, VGS=0V
-1
VDS=-80V, VGS=0V, Tc=125℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±30V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-2
-4
V
Static Drain-Source On-Resistance
RDS(On)
VGS=-10V, ID=-4.7A
290
Forward Transconductance
gFS
VDS=-40V, ID=-4.7A (Note.1)
6.3
S
Input Capacitance
Ciss
800
Output Capacitance
Coss
290
Reverse Transfer Capacitance
Crss
85
Total Gate Charge
Qg
21
27
Gate Source Charge
Qgs
4.6
Gate Drain Charge
Qgd
11.5
Turn-On DelayTime
td(on)
40
Turn-On Rise Time
tr
330
Turn-Off DelayTime
td(off)
80
Turn-Off Fall Time
tf
130
Body Diode Reverse Recovery Time
trr
110
Body Diode Reverse Recovery Charge
Qrr
470
nC
Maximum Body-Diode Continuous Current
IS
-9.4
Pulsed Drain-Source Diode Forward Current
ISM
-37.6
Diode Forward Voltage
VSD
IS=-9.4A,VGS=0V
-4
V
VGS=0V, VDS=-25V, f=1MHz
(Note.1)
VGS=-10V, VDS=-80V, ID=-11.5A
(Note.1)
VGS = 0 V, IS = -11.5 A,
dIF / dt = 100 A/μs (Note.1)
A
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
uA
VDD = -50 V, ID = -11.5 A,
RG = 25 Ω (Note.1)
Note.1: Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%


同様の部品番号 - FQD12P10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD12P10 FAIRCHILD-FQD12P10 Datasheet
624Kb / 9P
   100V P-Channel MOSFET
FQD12P10 FAIRCHILD-FQD12P10 Datasheet
672Kb / 9P
   100V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD12P10 VBSEMI-FQD12P10 Datasheet
1,017Kb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FQD12P10TM FAIRCHILD-FQD12P10TM Datasheet
672Kb / 9P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
More results

同様の説明 - FQD12P10

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com