データシートサーチシステム |
|
2SK1521-E1-E データシート(PDF) 2 Page - Renesas Technology Corp |
|
2SK1521-E1-E データシート(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page 2SK1521-E1-E Preliminary R07DS1194EJ0300 Rev.3.00 Page 2 of 6 Mar 26, 2014 Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 450 — — V ID = 10 mA, VGS = 0 Gate to source breakdown voltage V(BR)GSS ±30 — — V IG = ±100 μA, VDS = 0 Gate to source leak current IGSS — — ±10 μA VGS = ±25 V, VDS = 0 Zero gate voltage drain current IDSS — — 250 μA VDS = 360 V, VGS = 0 Gate to source cutoff voltage VGS(off) 2.0 — 3.0 V ID = 1 mA, VDS = 10 V Static drain to source on state resistance RDS(on) — 0.08 0.10 Ω ID = 25 A, VGS = 10 V Note3 Forward transfer admittance |yfs| 22 35 — S ID = 25 A, VDS = 10 V Note3 Input capacitance Ciss — 8700 — pF VDS = 10 V VGS = 0, f = 1 MHz Output capacitance Coss — 2400 — pF Reverse transfer capacitance Crss — 235 — pF Turn-on delay time td(on) — 85 — ns ID = 25 A VGS = 10 V, RL = 1.2 Ω Rise time tr — 250 — ns Turn-off delay time td(off) — 600 — ns Fall time tf — 250 — ns Body to drain diode forward voltage VDF — 1.1 — V IF = 50 A, VGS = 0 Body to drain diode reverse recovery time trr — 120 — ns IF = 50 A, VGS = 0, diF/dt = 100 A/ μs Note: 3. Pulse test |
同様の部品番号 - 2SK1521-E1-E_15 |
|
同様の説明 - 2SK1521-E1-E_15 |