データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR821 データシート(PDF) 4 Page - Analog Devices

部品番号 ADR821
部品情報  Low Power, Precision Reference and Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR821 データシート(HTML) 4 Page - Analog Devices

  ADR821_15 Datasheet HTML 1Page - Analog Devices ADR821_15 Datasheet HTML 2Page - Analog Devices ADR821_15 Datasheet HTML 3Page - Analog Devices ADR821_15 Datasheet HTML 4Page - Analog Devices ADR821_15 Datasheet HTML 5Page - Analog Devices ADR821_15 Datasheet HTML 6Page - Analog Devices ADR821_15 Datasheet HTML 7Page - Analog Devices ADR821_15 Datasheet HTML 8Page - Analog Devices ADR821_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 4 of 20
ADR821 ELECTRICAL CHARACTERISTICS—AMPLIFIER (VS = ±2.8 V)
VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
−40°C < TA < +125°C
100
500
μV
Input Offset Voltage Drift
TCVOS
−40°C < TA < +125°C
2
5
μV/°C
Input Bias Current
IB
−40°C < TA < +125°C
15
50
nA
Input Offset Bias Current
IOS
−40°C < TA < +125°C
5
25
nA
Large Signal Voltage Gain
AVO
VOUT = −1.5 V to +1.5 V
RLOAD = 10 kΩ, −40°C < TA < +125°C
99
108
dB
RLOAD = 2 kΩ, −40°C < TA < +125°C
94
100
dB
Common-Mode Rejection Ratio
CMRR
VCM = −1.5 V to +1.5 V, −40°C < TA < +125°C
75
100
dB
85
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = 1 mA
2.6
2.7
V
ILOAD = 1 mA, −40°C < TA < +125°C
2.55
V
Output Voltage Low
VOL
ILOAD = 1 mA
−2.7
−2.6
V
ILOAD = 1 mA, −40°C < TA < +125°C
−2.55
V
POWER SUPPLY
Positive Supply Current
ISY+
No load, −40°C < TA < +125°C
400
μA
Negative Supply Current
ISY−
No load, −40°C < TA < +125°C
300
μA
Power Supply Rejection Ratio
PSRR
VS = ±2.8 V to ±15 V
75
100
dB
DYNAMIC PERFORMANCE
Slew Rate
SR
RLOAD = 10 kΩ, CLOAD = 10 pF, AV = +1
0.5
V/μs
Gain Bandwidth Product
GBP
CLOAD = 14 pF
1.0
MHz
Phase Margin
φM
CLOAD = 14 pF
72.5
Degrees
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
0.2
μV p-p
Voltage Noise Density
eN
f = 1 kHz
16
nV/√Hz


同様の部品番号 - ADR821_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR821ARMZ AD-ADR821ARMZ Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821ARMZ-R21 AD-ADR821ARMZ-R21 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821ARMZ-REEL71 AD-ADR821ARMZ-REEL71 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821BRMZ AD-ADR821BRMZ Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR821BRMZ-R21 AD-ADR821BRMZ-R21 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
More results

同様の説明 - ADR821_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR821 AD-ADR821 Datasheet
611Kb / 20P
   Low Power, Precision Reference and Op Amp
REV. 0
ADR827 AD-ADR827_15 Datasheet
612Kb / 20P
   Low Power, Precision Reference and Op Amp
Rev. 0
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
LM10 LINER-LM10_15 Datasheet
783Kb / 16P
   Low Power Op Amp and Reference
logo
Analog Devices
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_02 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548 Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548 AD-AD548_15 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com