データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB1020CT データシート(PDF) 1 Page - Yea Shin Technology Co., Ltd

部品番号 SB1020CT
部品情報  10A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SB1020CT データシート(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SB1020CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SB1020CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SB1020CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd SB1020CT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20141209
SB1020CT~SB10200CT
10A SCHOTTKY BARRIER RECTIFIER
FEATURES
Schottky Barrier Chip
Guard Ring for Transient Protection
High Current Capability, Low Forward
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability
Classification 94V-O
High temperature soldering : 260OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: TO-220AB Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-750, Method 2026
Polarity: As Marked on Body
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
1020CT
SB
1030CT
SB
1040CT
SB
1050CT
SB
1060CT
SB
1080CT
SB
10100CT
SB
10150CT
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
150
Volts
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
105
Volts
Average Rectified Output Current @TC =
95°C
IF
10
Amp
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave
superimposed on rated load (JEDEC
Method)
IFSM
150
120
Amps
Forward Voltage @IF = 5.0A
VF
0.55
0.75
0.85
0.90
Volts
Peak Reverse Current @TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.5
50
7
Typical Junction Capacitance (Note 1)
Cj
700
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
TO-220AB
Unit:inch(mm)
SB
10200CT
200
140
0.95
A
0.1
m
Typical Thermal Resistance (per leg)
Rθ c
J
4
/W
OC
OC
.419(10.66)
.387(9.85)
.134(3.40)
MIN.
.055(1.40)
.039(1.00)
.039(1.00)
.019(0.50)
.1(2.54)
.1(2.54)
.196(5.00)
.163(4.16)
.059(1.50)
.039(1.00)
.025(0.65)
MAX.


同様の部品番号 - SB1020CT

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Won-Top Electronics
SB1020CT WTE-SB1020CT Datasheet
40Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020CT WTE-SB1020CT Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1020CT PACELEADER-SB1020CT Datasheet
288Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SB1020CT

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1030 DIODES-MBR1030 Datasheet
56Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com