データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7344 データシート(PDF) 5 Page - Analog Devices

部品番号 ADV7344
部品情報  Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7344 データシート(HTML) 5 Page - Analog Devices

  ADV7344_15 Datasheet HTML 1Page - Analog Devices ADV7344_15 Datasheet HTML 2Page - Analog Devices ADV7344_15 Datasheet HTML 3Page - Analog Devices ADV7344_15 Datasheet HTML 4Page - Analog Devices ADV7344_15 Datasheet HTML 5Page - Analog Devices ADV7344_15 Datasheet HTML 6Page - Analog Devices ADV7344_15 Datasheet HTML 7Page - Analog Devices ADV7344_15 Datasheet HTML 8Page - Analog Devices ADV7344_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
Data Sheet
ADV7344
Rev. B | Page 5 of 108
GENERAL DESCRIPTION
The ADV7344 is a high speed, digital-to-analog video encoder
in a 64-pin LQFP package. Six high speed, NSV, 3.3 V, 14-bit
video DACs provide support for composite (CVBS), S-Video
(YC), and component (YPrPb/RGB) analog outputs in standard
definition (SD), enhanced definition (ED), or high definition
(HD) video formats.
The ADV7344 has a 30-bit pixel input port that can be configured
in a variety of ways. SD video formats are supported over an
SDR interface and ED/HD video formats are supported over
SDR and DDR interfaces. Pixel data can be supplied in either
the YCrCb or RGB color space.
The ADV7344 also supports embedded EAV/SAV timing codes,
external video synchronization signals, and I2C® communication
protocol.
In addition, simultaneous SD and ED/HD input and output is
supported. Full-drive DACs ensure that external output buffering
is not required, while 216 MHz (SD and ED) and 297 MHz
(HD) oversampling ensures that external output filtering is not
required.
Cable detection and DAC autopower-down features keep power
consumption to a minimum.
Table 1 lists the video standards directly supported by the
ADV7344.
Table 1. Standards Directly Supported by the ADV7344
Active
Resolution
I/P1
Frame
Rate (Hz)
Clock Input
(MHz)
Standard
720 × 240
P
59.94
27
720 × 288
P
50
27
720 × 480
I
29.97
27
ITU-R
BT.601/656
720 × 576
I
25
27
ITU-R
BT.601/656
640 × 480
I
29.97
24.54
NTSC Square
Pixel
768 × 576
I
25
29.5
PAL Square
Pixel
720 × 483
P
59.94
27
SMPTE 293M
720 × 483
P
59.94
27
BTA T-1004
720 × 483
P
59.94
27
ITU-R BT.1358
720 × 576
P
50
27
ITU-R BT.1358
720 × 483
P
59.94
27
ITU-R BT.1362
720 × 576
P
50
27
ITU-R BT.1362
1920 × 1035
I
30
74.25
SMPTE 240M
1920 × 1035
I
29.97
74.1758
SMPTE 240M
1280 × 720
P
60, 50, 30,
25, 24
74.25
SMPTE 296M
1280 × 720
P
23.97,
59.94,
29.97
74.1758
SMPTE 296M
1920 × 1080
I
30, 25
74.25
SMPTE 274M
1920 × 1080
I
29.97
74.1758
SMPTE 274M
1920 × 1080
P
30, 25, 24
74.25
SMPTE 274M
1920 × 1080
P
23.98,
29.97
74.1758
SMPTE 274M
1920 × 1080
P
24
74.25
ITU-R BT.709-5
1
I = interlaced, P = progressive.


同様の部品番号 - ADV7344_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7344BSTZ AD-ADV7344BSTZ Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
More results

同様の説明 - ADV7344_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7340 AD-ADV7340 Datasheet
1Mb / 88P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
REV. 0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com