データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7390 データシート(PDF) 10 Page - Analog Devices

部品番号 ADV7390
部品情報  Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7390 データシート(HTML) 10 Page - Analog Devices

Back Button ADV7390_15 Datasheet HTML 6Page - Analog Devices ADV7390_15 Datasheet HTML 7Page - Analog Devices ADV7390_15 Datasheet HTML 8Page - Analog Devices ADV7390_15 Datasheet HTML 9Page - Analog Devices ADV7390_15 Datasheet HTML 10Page - Analog Devices ADV7390_15 Datasheet HTML 11Page - Analog Devices ADV7390_15 Datasheet HTML 12Page - Analog Devices ADV7390_15 Datasheet HTML 13Page - Analog Devices ADV7390_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Data Sheet
DIGITAL TIMING SPECIFICATIONS—1.8 V
VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 1.71 V to 1.89 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 10.
Parameter
Conditions1
Min
Typ
Max
Unit
VIDEO DATA AND VIDEO CONTROL PORT2, 3
Data Input Setup Time, t114
SD
1.4
ns
ED/HD-SDR
1.9
ns
ED/HD-DDR
1.9
ns
ED (at 54 MHz)
1.6
ns
Data Input Hold Time, t124
SD
1.4
ns
ED/HD-SDR
1.5
ns
ED/HD-DDR
1.5
ns
ED (at 54 MHz)
1.3
ns
Control Input Setup Time, t114
SD
1.4
ns
ED/HD-SDR or ED/HD-DDR
1.2
ns
ED (at 54 MHz)
1.0
ns
Control Input Hold Time, t124
SD
1.4
ns
ED/HD-SDR or ED/HD-DDR
1.0
ns
ED (at 54 MHz)
1.0
ns
Control Output Access Time, t134
SD
13
ns
ED/HD-SDR, ED/HD-DDR, or ED (at 54 MHz)
12
ns
Control Output Hold Time, t144
SD
4.0
ns
ED/HD-SDR, ED/HD-DDR, or ED (at 54 MHz)
5.0
ns
PIPELINE DELAY5
SD1
CVBS/Y-C Outputs (2×)
SD oversampling disabled
68
Clock cycles
CVBS/Y-C Outputs (8×)
SD oversampling enabled
79
Clock cycles
CVBS/Y-C Outputs (16×)
SD oversampling enabled
67
Clock cycles
Component Outputs (2×)
SD oversampling disabled
78
Clock cycles
Component Outputs (8×)
SD oversampling enabled
69
Clock cycles
Component Outputs (16×)
SD oversampling enabled
84
Clock cycles
ED1
Component Outputs (1×)
ED oversampling disabled
41
Clock cycles
Component Outputs (4×)
ED oversampling enabled
49
Clock cycles
Component Outputs (8×)
ED oversampling enabled
46
Clock cycles
HD1
Component Outputs (1×)
HD oversampling disabled
40
Clock cycles
Component Outputs (2×)
HD oversampling enabled
42
Clock cycles
Component Outputs (4×)
HD oversampling enabled
44
Clock cycles
RESET CONTROL
RESET Low Time
100
ns
1
SD = standard definition, ED = enhanced definition (525p/625p), HD = high definition, SDR = single data rate, DDR = dual data rate.
2
Video data: P[15:0] for ADV7392/ADV7393 or P[7:0] for ADV7390/ADV7391.
3
Video control: HSYNC and VSYNC.
4
Guaranteed by characterization.
5
Guaranteed by design.
Rev. H | Page 10 of 108


同様の部品番号 - ADV7390_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7390BCPZ AD-ADV7390BCPZ Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390BCPZ-REEL AD-ADV7390BCPZ-REEL Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390EBZ AD-ADV7390EBZ Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
More results

同様の説明 - ADV7390_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com