データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL210 データシート(PDF) 4 Page - Analog Devices

部品番号 ADXL210
部品情報  Accelerometers with Digital Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL210 データシート(HTML) 4 Page - Analog Devices

  ADXL210_15 Datasheet HTML 1Page - Analog Devices ADXL210_15 Datasheet HTML 2Page - Analog Devices ADXL210_15 Datasheet HTML 3Page - Analog Devices ADXL210_15 Datasheet HTML 4Page - Analog Devices ADXL210_15 Datasheet HTML 5Page - Analog Devices ADXL210_15 Datasheet HTML 6Page - Analog Devices ADXL210_15 Datasheet HTML 7Page - Analog Devices ADXL210_15 Datasheet HTML 8Page - Analog Devices ADXL210_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ADXL202/ADXL210
REV. B
–4–
TEMPERATURE – C
1.06
0.94
–45
90
–30
–15
0
1530456075
1.04
1.02
1.00
0.98
0.96
Figure 2. Normalized DCM Period (T2) vs. Temperature
TEMPERATURE – C
0.8
–0.2
–0.8
–40
90
–30 –20 –10
0
1020
304050
6070
80
0.6
0
–0.4
–0.6
0.4
0.2
Figure 3. Typical Zero g Offset vs. Temperature
TEMPERATURE – C
0.7
0
–40
100
–20
0
2040
6080
0.6
0.4
0.3
0.2
0.1
0.5
VS = 5 VDC
VS = 3.5 VDC
Figure 4. Typical Supply Current vs. Temperature
(@ +25 C RSET = 125 k , VDD = +5 V, unless otherwise noted)
TYPICAL CHARACTERISTICS
TEMPERATURE – C
4%
3%
–4%
–40
85
25
0%
–1%
–2%
–3%
2%
1%
Figure 5. Typical X Axis Sensitivity Drift Due to
Temperature
0
0.4
0.8
1.2
1.4
FREQUENCY – ms
3
2
1
0
CFILT = 0.01 F
Figure 6. Typical Turn-On Time
g/DUTY CYCLE OUTPUT
20
6
0
–0.87g
–0.64g
–0.41g –0.17g
0.06g
0.29g
0.52g
0.75g
18
8
4
2
14
10
16
12
Figure 7. Typical Zero g Distribution at +25
°C


同様の部品番号 - ADXL210_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JQC AD-ADXL210JQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
More results

同様の説明 - ADXL210_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL202 AD-ADXL202_15 Datasheet
819Kb / 11P
   Accelerometers with Digital Output
REV. B
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
logo
Murata Manufacturing Co...
SCA620-EF8H1A MURATA-SCA620-EF8H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA830-D07 MURATA-SCA830-D07_17 Datasheet
171Kb / 2P
   Accelerometers
logo
List of Unclassifed Man...
KXPA4 ETC1-KXPA4 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
logo
Murata Manufacturing Co...
SCA1000-N1000070 MURATA-SCA1000-N1000070 Datasheet
179Kb / 2P
   Accelerometers
SCA3100-D07 MURATA-SCA3100-D07 Datasheet
171Kb / 2P
   Accelerometers
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA3100-D04 MURATA-SCA3100-D04 Datasheet
171Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA2120-D06 MURATA1-SCA2120-D06 Datasheet
117Kb / 2P
   Accelerometers
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com