データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXRS610 データシート(PDF) 5 Page - Analog Devices

部品番号 ADXRS610
部品情報  300/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 データシート(HTML) 5 Page - Analog Devices

  ADXRS610_15 Datasheet HTML 1Page - Analog Devices ADXRS610_15 Datasheet HTML 2Page - Analog Devices ADXRS610_15 Datasheet HTML 3Page - Analog Devices ADXRS610_15 Datasheet HTML 4Page - Analog Devices ADXRS610_15 Datasheet HTML 5Page - Analog Devices ADXRS610_15 Datasheet HTML 6Page - Analog Devices ADXRS610_15 Datasheet HTML 7Page - Analog Devices ADXRS610_15 Datasheet HTML 8Page - Analog Devices ADXRS610_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADXRS610
Rev. A | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
`
PGND
ST1
ST2
TEMP
AGND
VRATIO
NC
SUMJ
RATEOUT
AVCC
CP2
CP1
CP4
CP3
CP5
VDD
GF
E
D
C
B
A
7
6
5
4
3
2
1
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
6D, 7D
CP5
HV Filter Capacitor (0.1 μF).
6A, 7B
CP4
Charge Pump Capacitor (22 nF).
6C, 7C
CP3
Charge Pump Capacitor (22 nF).
5A, 5B
CP1
Charge Pump Capacitor (22 nF).
Charge Pump Capacitor (22 nF).
4A, 4B
CP2
3A, 3B
AVCC
Positive Analog Supply.
1B, 2A
RATEOUT
Rate Signal Output.
1C, 2C
SUMJ
Output Amp Summing Junction.
1D, 2D
NC
No Connect.
1E, 2E
VRATIO
Reference Supply for Ratiometric Output.
1F, 2G
AGND
Analog Supply Return.
3F, 3G
TEMP
Temperature Voltage Output.
4F, 4G
ST2
Self-Test for Sensor 2.
5F, 5G
ST1
Self-Test for Sensor 1.
6G, 7F
PGND
Charge Pump Supply Return.
6E, 7E
VDD
Positive Charge Pump Supply.


同様の部品番号 - ADXRS610_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS610BBGZ AD-ADXRS610BBGZ Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610BBGZ-RL AD-ADXRS610BBGZ-RL Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
More results

同様の説明 - ADXRS610_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
   -300째/sec Yaw Rate Gyro with SPI Interface
REV. A
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com