データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP07D データシート(PDF) 2 Page - Analog Devices

部品番号 OP07D
部品情報  150 V Maximum Offset Voltage Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP07D データシート(HTML) 2 Page - Analog Devices

  OP07D_15 Datasheet HTML 1Page - Analog Devices OP07D_15 Datasheet HTML 2Page - Analog Devices OP07D_15 Datasheet HTML 3Page - Analog Devices OP07D_15 Datasheet HTML 4Page - Analog Devices OP07D_15 Datasheet HTML 5Page - Analog Devices OP07D_15 Datasheet HTML 6Page - Analog Devices OP07D_15 Datasheet HTML 7Page - Analog Devices OP07D_15 Datasheet HTML 8Page - Analog Devices OP07D_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OP07D
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings ............................................................5
Thermal Resistance.......................................................................5
ESD Caution...................................................................................5
Typical Performance Characteristics ..............................................6
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 14
REVISION HISTORY
2/11—Rev. 0 to Rev. A
Changes to Output Voltage Swing Parameter............................... 4
Changes to Figure 42...................................................................... 12
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide .......................................................... 14
12/05—Revision 0: Initial Version


同様の部品番号 - OP07D_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
More results

同様の説明 - OP07D_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com