データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP177 データシート(PDF) 5 Page - Analog Devices

部品番号 OP177
部品情報  Ultraprecision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP177 データシート(HTML) 5 Page - Analog Devices

  OP177_15 Datasheet HTML 1Page - Analog Devices OP177_15 Datasheet HTML 2Page - Analog Devices OP177_15 Datasheet HTML 3Page - Analog Devices OP177_15 Datasheet HTML 4Page - Analog Devices OP177_15 Datasheet HTML 5Page - Analog Devices OP177_15 Datasheet HTML 6Page - Analog Devices OP177_15 Datasheet HTML 7Page - Analog Devices OP177_15 Datasheet HTML 8Page - Analog Devices OP177_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
OP177
Rev. G | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Ratings
Supply Voltage
±22 V
Internal Power Dissipation1
500 mW
Differential Input Voltage
±30 V
Input Voltage
±22 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 60 sec)
300°C
DICE Junction Temperature (TJ)
−65°C to +150°C
1
For supply voltages less than ±22 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for worst-case mounting conditions, that is, θJA
is specified for device in socket for PDIP; θJA is specified for
device soldered to printed circuit board for SOIC package.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead PDIP (P-Suffix)
103
43
°C/W
8-Lead SOIC (S-Suffix)
158
43
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - OP177_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP177AZ AD-OP177AZ Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177BRC/883 AD-OP177BRC/883 Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177BZ AD-OP177BZ Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177EZ AD-OP177EZ Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177FP AD-OP177FP Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
More results

同様の説明 - OP177_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP177 AD-OP177_06 Datasheet
337Kb / 16P
   Ultraprecision Operational Amplifier
Rev. E
OP177 AD-OP177 Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com