データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP249 データシート(PDF) 9 Page - Analog Devices

部品番号 OP249
部品情報  Precision JFET, High Speed, Dual Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP249 データシート(HTML) 9 Page - Analog Devices

Back Button OP249_15 Datasheet HTML 5Page - Analog Devices OP249_15 Datasheet HTML 6Page - Analog Devices OP249_15 Datasheet HTML 7Page - Analog Devices OP249_15 Datasheet HTML 8Page - Analog Devices OP249_15 Datasheet HTML 9Page - Analog Devices OP249_15 Datasheet HTML 10Page - Analog Devices OP249_15 Datasheet HTML 11Page - Analog Devices OP249_15 Datasheet HTML 12Page - Analog Devices OP249_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
OP249
Rev. H | Page 9 of 20
0.1
0.01
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 10kΩ
AV = 1
Figure 18. Distortion vs. Frequency
0.1
0.01
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 2kΩ
AV = 10
Figure 19. Distortion vs. Frequency
0.1
0.01
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 600kΩ
AV = 10
Figure 20. Distortion vs. Frequency
BANDWIDTH (0.1Hz TO 10Hz)
TA = 25°C, VS = ±15V
+1µV
–1µV
500mV
1s
Figure 21. Low Frequency Noise
10
0
–10
60
50
40
30
20
–20
TA = 25°C
VS = ±15V
AVCL = 100
AVCL = 10
AVCL = 5
AVCL = 1
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
Figure 22. Closed-Loop Gain vs. Frequency
10
0
50
40
30
20
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
AVCL = 1
AVCL = 10
AVCL = 100
Figure 23. Closed-Loop Output Impedance vs. Frequency


同様の部品番号 - OP249_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP249 AD-OP249_17 Datasheet
441Kb / 19P
   Precision JFET, High Speed, Dual Operational Amplifier
More results

同様の説明 - OP249_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249_17 Datasheet
441Kb / 19P
   Precision JFET, High Speed, Dual Operational Amplifier
OP249 AD-OP249_07 Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249AZ AD-OP249AZ Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
LT1022 LINER-LT1022_15 Datasheet
166Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com