データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP2177 データシート(PDF) 6 Page - Analog Devices

部品番号 OP2177
部品情報  Precision Low Noise, Low Input Bias Current Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP2177 データシート(HTML) 6 Page - Analog Devices

Back Button OP2177_15 Datasheet HTML 2Page - Analog Devices OP2177_15 Datasheet HTML 3Page - Analog Devices OP2177_15 Datasheet HTML 4Page - Analog Devices OP2177_15 Datasheet HTML 5Page - Analog Devices OP2177_15 Datasheet HTML 6Page - Analog Devices OP2177_15 Datasheet HTML 7Page - Analog Devices OP2177_15 Datasheet HTML 8Page - Analog Devices OP2177_15 Datasheet HTML 9Page - Analog Devices OP2177_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
OP1177/OP2177/OP4177
Rev. G | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSETVOLTAGE (µV)
45
40
35
30
25
20
15
10
5
–30
–20
–10
0
10
20
30
40
0
50
–40
VSY = ±15V
Figure 7. Input Offset Voltage Distribution
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
80
70
60
50
40
30
20
10
0.15
0.25
0.35
0.45
0.55
0.65
0
90
0.05
VSY = ±15V
Figure 8. Input Offset Voltage Drift Distribution
INPUT BIAS CURRENT (nA)
120
100
80
60
40
20
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
140
0
VSY = ±15V
Figure 9. Input Bias Current Distribution
LOAD CURRENT (mA)
0.01
0.1
1
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.8
0.001
10
SOURCE
SINK
VSY = ±15V
TA = 25°C
Figure 10. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
VSY = ±15V
2
1
0
–1
–2
0
50
100
3
–3
–50
150
Figure 11. Input Bias Current vs. Temperature
FREQUENCY (Hz)
1M
50
40
30
20
10
0
–10
60
–20
100k
10M
225
180
135
90
45
0
–45
270
–90
GAIN
PHASE
VSY = ±15V
CL = 0
RL =
Figure 12. Open-Loop Gain and Phase Shift vs. Frequency


同様の部品番号 - OP2177_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP2177AR AD-OP2177AR Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP2177AR AD-OP2177AR Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP2177AR AD-OP2177AR Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177AR-REEL AD-OP2177AR-REEL Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP2177AR-REEL AD-OP2177AR-REEL Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results

同様の説明 - OP2177_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177 Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com