データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP01 データシート(PDF) 1 Page - Analog Devices

部品番号 TMP01
部品情報  Low Power Programmable Temperature Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

TMP01 データシート(HTML) 1 Page - Analog Devices

  TMP01_15 Datasheet HTML 1Page - Analog Devices TMP01_15 Datasheet HTML 2Page - Analog Devices TMP01_15 Datasheet HTML 3Page - Analog Devices TMP01_15 Datasheet HTML 4Page - Analog Devices TMP01_15 Datasheet HTML 5Page - Analog Devices TMP01_15 Datasheet HTML 6Page - Analog Devices TMP01_15 Datasheet HTML 7Page - Analog Devices TMP01_15 Datasheet HTML 8Page - Analog Devices TMP01_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power Programmable
Temperature Controller
TMP01
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1993–2009 Analog Devices, Inc. All rights reserved.
FEATURES
−55°C to +125°C (−67°F to +257°F) operation
±1.0°C accuracy over temperature (typ)
Temperature-proportional voltage output
User-programmable temperature trip points
User-programmable hysteresis
20 mA open-collector trip point outputs
TTL/CMOS compatible
Single-supply operation (4.5 V to 13.2 V)
PDIP, SOIC, and TO-99 packages
APPLICATIONS
Over/under temperature sensor and alarm
Board-level temperature sensing
Temperature controllers
Electronic thermostats
Thermal protection
HVAC systems
Industrial process control
Remote sensors
FUNCTIONAL BLOCK DIAGRAM
VPTAT
V+
TEMPERATURE
SENSOR AND
VOLTAGE
REFERENCE
2.5V
SENSOR
1
2
3
4
8
7
6
5
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VREF
SET
HIGH
SET
LOW
GND
UNDER
OVER
R1
R2
R3
Figure 1.
GENERAL DESCRIPTION
The TMP01 is a temperature sensor that generates a voltage
output proportional to absolute temperature and a control
signal from one of two outputs when the device is either above
or below a specific temperature range. Both the high/low
temperature trip points and hysteresis (overshoot) band are
determined by user-selected external resistors. For high volume
production, these resistors are available on board.
The TMP01 consists of a band gap voltage reference combined
with a pair of matched comparators. The reference provides
both a constant 2.5 V output and a voltage proportional to
absolute temperature (VPTAT) which has a precise temperature
coefficient of 5 mV/K and is 1.49 V (nominal) at 25°C. The
comparators compare VPTAT with the externally set tempera-
ture trip points and generate an open-collector output signal
when one of their respective thresholds has been exceeded.
Hysteresis is also programmed by the external resistor chain
and is determined by the total current drawn out of the 2.5 V
reference. This current is mirrored and used to generate a
hysteresis offset voltage of the appropriate polarity after a
comparator has been tripped. The comparators are connected
in parallel, which guarantees that there is no hysteresis overlap
and eliminates erratic transitions between adjacent trip zones.
The TMP01 utilizes proprietary thin-film resistors in conjunc-
tion with production laser trimming to maintain a temperature
accuracy of ±1°C (typical) over the rated temperature range,
with excellent linearity. The open-collector outputs are capable
of sinking 20 mA, enabling the TMP01 to drive control relays
directly. Operating from a 5 V supply, quiescent current is only
500 μA (max).
The TMP01 is available in 8-pin mini PDIP, SOIC, and TO-99
packages.


同様の部品番号 - TMP01_15

メーカー部品番号データシート部品情報
logo
Analog Devices
TMP01EP AD-TMP01EP Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01ES AD-TMP01ES Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01ES AD-TMP01ES Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01ES-REEL AD-TMP01ES-REEL Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01ESZ-REEL1 AD-TMP01ESZ-REEL1 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
More results

同様の説明 - TMP01_15

メーカー部品番号データシート部品情報
logo
Analog Devices
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01 AD-TMP01 Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope with Temperature Compensation
Rev. PrA
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com