データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT13003 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 PZT13003
部品情報  NPN Silicon Medium Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT13003 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT13003_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT13003_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
PZT13003
1.5A , 700V
NPN Silicon Medium Power Transistor
19-Jan-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
For AF driver and output stages
Power switching applications
CLASSIFICATION OF hFE
Product-Rank
PZT13003-A
PZT13003-B
PZT13003-C
Range
8~20
15~30
25~40
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
9
V
Collector Current -Continuous
IC
1.5
A
Collector Power Dissipation
PD
1.25
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
700
V
IC=1mA , IE=0
Collector-emitter breakdown voltage
V(BR)CEO
450
V
IC=10mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
9
V
IE=1mA, IC=0
Collector cut-off current
ICBO
0.1
mA
VCB=700V, IE=0
Emitter-Base Cutoff Current
IEBO
0.05
mA
VEB=9V, IC=0
DC current gain
hFE
8
40
VCE=10V, IC=0.5A
Collector-emitter saturation voltage
1
VCE(sat)
1
V
IC=1A, IB=250mA
Base-emitter voltage
VBE(on)
1.2
V
IC=1A, IB=250mA
ON-Time
T(on)
1
μS
Storage time
tS
4
μS
Fall time
tf
0.7
μS
VCE=10V, IC=2A
IB1=IB2=400mA
Transition frequency
fT
4
MHz
VCE=10V, IC=500mA, f=1.0MHZ
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10
SOT-223


同様の部品番号 - PZT13003_15

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
PZT13003 SECOS-PZT13003 Datasheet
426Kb / 2P
   1.5A , 700V NPN Silicon Medium Power Transistor
More results

同様の説明 - PZT13003_15

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com