データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR3915 データシート(PDF) 11 Page - Kersemi Electronic Co., Ltd.

部品番号 IRLR3915
部品情報  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR3915 データシート(HTML) 11 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR3915 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRLR3915 Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by T
Jmax, starting TJ = 25°C,
L = 0.45mH, RG = 25
Ω, IAS = 30A, VGS =10V.
Part not recommended for use above this
value.
ƒ I
SD ≤ 30A, di/dt ≤ 280A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
† Limited by T
Jmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
‡ This value determined from sample failure population. 100%
tested to this value in production.
ˆ When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to
application note #AN-994.
201408016
11
www.kersemi.com
IRLR/U3915


同様の部品番号 - IRLR3915

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR3915 IRF-IRLR3915 Datasheet
581Kb / 11P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLR3915 ISC-IRLR3915 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3915PBF IRF-IRLR3915PBF Datasheet
310Kb / 11P
   AUTOMOTIVE MOSFET
IRLR3915PBF IRF-IRLR3915PBF Datasheet
328Kb / 11P
   Advanced Process Technology
IRLR3915PBF IRF-IRLR3915PBF Datasheet
328Kb / 11P
   Advanced Process Technology
More results

同様の説明 - IRLR3915

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com