データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ687 データシート(PDF) 9 Page - Renesas Technology Corp

部品番号 2SJ687
部品情報  SWITCHING P-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ687 データシート(HTML) 9 Page - Renesas Technology Corp

Back Button 2SJ687_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ687_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet D18719EJ2V0DS
7
2SJ687
PACKAGE DRAWING (Unit: mm)
TO-252 (MP-3ZK)
6.5
±0.2
2.3
±0.1
0.5
±0.1
0.76
±0.12
0 to 0.25
0.5
±0.1
1.0
No Plating
No Plating
5.1 TYP.
4.3 MIN.
1
4
23
1.14 MAX.
2.3
2.3
1. Gate
2. Drain
3. Source
4. Fin (Drain)
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Drain
Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately
degrade the device operation. Steps must be taken to stop generation of static electricity as much as
possible, and quickly dissipate it once, when it has occurred.


同様の部品番号 - 2SJ687_15

メーカー部品番号データシート部品情報
logo
NEC
2SJ687-ZK-E1-AY NEC-2SJ687-ZK-E1-AY Datasheet
167Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
2SJ687-ZK-E1-AY VBSEMI-2SJ687-ZK-E1-AY Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ687-ZK-E1-AY RENESAS-2SJ687-ZK-E1-AY Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
2SJ687-ZK-E2-AY NEC-2SJ687-ZK-E2-AY Datasheet
167Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ687-ZK-E2-AY RENESAS-2SJ687-ZK-E2-AY Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

同様の説明 - 2SJ687_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com