データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ690 データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 2SJ690
部品情報  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ690 データシート(HTML) 3 Page - Renesas Technology Corp

  2SJ690_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SJ690
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No. D19954EJ1V0DS00 (1st edition)
Date Published September 2009 NS
Printed in Japan
2009
DESCRIPTION
The 2SJ690 is a P-channel MOSFET designed for power switch
of portable machine and so on.
FEATURES
• 2.5 V drive available
• Low on-state resistance
RDS(on)1 = 119 m
Ω MAX. (VGS = −4.5 V, ID = −1.0 A)
RDS(on)2 = 217 m
Ω MAX. (VGS = −2.5 V, ID = −1.0 A)
• Built-in gate protection diode
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ690-T1B-AT
SC-96 (Mini Mold Thin Type)
Remark “-AT” indicates Pb-free (This product does not contain Pb
in external electrode and other parts.).
“-T1B” indicates the unit orientation.
(8 mm embossed carrier tape, 3000 pcs/reel)
Marking: XT
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m12
V
Drain Current (DC)
ID(DC)
m2.5
A
Drain Current (pulse)
Note1
ID(pulse)
m10
A
Total Power Dissipation
PT1
0.2
W
Total Power Dissipation
Note2
PT2
1.25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1 %
2. Mounted on FR-4 board, t
≤ 5 sec.
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.
Caution This product is electrostatic-sensitive device due to low ESD capability and should be handled with
caution for electrostatic discharge.
PACKAGE DRAWING (Unit : mm)
0.65
0.9 to 1.1
0 to 0.1
0.16
+0.1
–0.06
0.4
+0.1
–0.05
0.95
1
2
3
1.9
2.9
±0.2
0.95
1: Gate
2: Source
3: Drain
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


同様の部品番号 - 2SJ690_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SJ690-T1B-AT RENESAS-2SJ690-T1B-AT Datasheet
267Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
September 2009 NS
More results

同様の説明 - 2SJ690_15

メーカー部品番号データシート部品情報
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com