データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0301N データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 N0301N
部品情報  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0301N データシート(HTML) 3 Page - Renesas Technology Corp

  N0301N_15 Datasheet HTML 1Page - Renesas Technology Corp N0301N_15 Datasheet HTML 2Page - Renesas Technology Corp N0301N_15 Datasheet HTML 3Page - Renesas Technology Corp N0301N_15 Datasheet HTML 4Page - Renesas Technology Corp N0301N_15 Datasheet HTML 5Page - Renesas Technology Corp N0301N_15 Datasheet HTML 6Page - Renesas Technology Corp N0301N_15 Datasheet HTML 7Page - Renesas Technology Corp N0301N_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest
version. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for
availability and additional information.
MOS FIELD EFFECT TRANSISTOR
N0301N
N-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
D20202EJ1V0DS00 (1st edition)
Date Published
January 2010 NS
Printed in Japan
2010
DESCRIPTION
The N0301N is a switching device which can be driven directly by a 4.0 V
power source.
The N0301N features a low on-state resistance and excellent switching
characteristics, and is suitable for applications such as power switch of
portable machine and so on.
FEATURES
• 4.0 V drive available
• Low on-state resistance
RDS(on)1 = 36 m
Ω MAX. (VGS = 10 V, ID = 2.25 A)
RDS(on)2 = 50 m
Ω MAX. (VGS = 4.5 V, ID = 2.25 A)
RDS(on)3 = 130 m
Ω MAX. (VGS = 4.0 V, ID = 2.25 A)
• Built-in gate protection diode
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
N0301N-T1-AT
Pure Sn (Tin)
Tape 3000 p/reel
SOT-23F
Marking: XU
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TA = 25°C)
ID(DC)
±4.5
A
Drain Current (pulse)
Note1
ID(pulse)
±18
A
Total Power Dissipation (TA = 25°C)
PT1
0.2
W
Total Power Dissipation (TA = 25°C)
Note2
PT2
1.3
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Mounted on FR-4 board of 50 mm
× 50 mm × 1.6 mm, copper foil 100%, t ≤ 5 sec.
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When
this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated
voltage may be applied to this device.
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
PACKAGE DRAWING (Unit: mm)
2.9
±0.1
0.85
±0.05
0.165
±0.05
0 to 0.025
1.9
1
2
3
0.42
±0.05
1: Source
2: Gate
3: Drain


同様の部品番号 - N0301N_15

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
N0301N-T1-AT RENESAS-N0301N-T1-AT Datasheet
261Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

同様の説明 - N0301N_15

メーカー部品番号データシート部品情報
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com