データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE3510M04-T2 データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 NE3510M04-T2
部品情報  L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3510M04-T2 データシート(HTML) 5 Page - Renesas Technology Corp

  NE3510M04-T2 Datasheet HTML 1Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 2Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 3Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 4Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 5Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 6Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 7Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 8Page - Renesas Technology Corp NE3510M04-T2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet PG10676EJ02V0DS
3
NE3510M04
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
250
200
150
100
50
0
50
100
150
200
250
VDS = 2 V
100
90
80
70
60
50
40
30
20
10
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
1.2
0.8
0.9
1.0
1.1
0.3
0.6
0.7
0.1
0.2
0.0
24
22
20
18
16
14
12
10
8
6
4
2
0
0
5
10
15
NFmin
Ga
VDS = 2 V
ID = 15 mA
0.5
0.4
1.2
0.8
0.9
1.0
1.1
0.3
0.6
0.7
0.1
0.2
0.0
24
22
20
18
16
14
12
10
8
6
4
2
0
0
5
10
15
20
25
30
35
NFmin
Ga
f = 2.0 GHz
VDS = 2 V
0.5
0.4
1.2
0.8
0.9
1.0
1.1
0.3
0.6
0.7
0.1
0.2
0.0
24
22
20
18
16
14
12
10
8
6
4
2
0
NFmin
Ga
f = 4.0 GHz
VDS = 2 V
0.5
0.4
0
5
10
15
20
25
30
35
Ambient Temperature TA (
°C)
vs. AMBIENT TEMPERATURE
TOTAL POWER DISSIPATION
Mounted on Glass Epoxy PCB
(1.08 cm
2
× 1.0 mm (t) )
Gate to Source Voltage VGS (V)
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
Frequency f (GHz)
ASSOCIATED GAIN vs. FREQUENCY
MINIMUM NOISE FIGURE,
Drain to Source Voltage VDS (V)
DRAIN TO SOURCE VOLTAGE
DRAIN CURRENT vs.
Drain Current ID (mA)
ASSOCIATED GAIN vs. DRAIN CURRENT
MINIMUM NOISE FIGURE,
Drain Current ID (mA)
ASSOCIATED GAIN vs. DRAIN CURRENT
MINIMUM NOISE FIGURE,
100
90
80
70
60
50
40
30
20
10
0
0
12345
VGS = 0 V
0.2 V
0.3 V
0.1 V
0.4 V
0.5 V
0.6 V
0.7 V
Remark The graphs indicate nominal characteristics.


同様の部品番号 - NE3510M04-T2

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE3510M04-T2 CEL-NE3510M04-T2 Datasheet
180Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3510M04-T2-A CEL-NE3510M04-T2-A Datasheet
180Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
More results

同様の説明 - NE3510M04-T2

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com