データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M100003BK データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 M100003BK
部品情報  Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

M100003BK データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  M100003BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved M100003BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Black USB Sync / Charge Cable with Lightning
Connector, 3-ft. (1M)
MODEL NUMBER: M100-003-BK
Description
Tripp Lite's M100-003-BK 3ft Black USB Sync / Charge Cable with Lightning connector allows for Uploading /
Downloading data to and from the latest generation of iPhone, iPad, and iPod devices, while charging the
devices at the same time. Cables are MFI Certified, so they are made for use with iPhone 5, 5c, 5s, 6, 6 Plus,
iPad (4th generation), iPad mini, mini 2, mini 3, iPad Air, Air 2, iPod Touch (5th generation), and iPod nano (7th
generation). Reversible Lightning connector allows plug-ability in either direction to the device. 2-Year Limited
Warranty.
Features
3ft Black USB Sync / Charge Cable with Lightning Connector
MFI Certified - Made for iPhone 5, 5c, 5s, 6, 6 Plus, iPad (4th generation), iPad mini, mini 2, mini 3, iPad Air, Air 2, iPod Touch (5th generation), and iPod
nano (7th generation).
2-Year Limited Warranty
Specifications
OVERVIEW
Chromebook Compatible
No
Model Type
Connectivity
Cable Types
USB
OUTPUT
USB Charging
Yes
Highlights
Sync / Charge Cable with
Lightning Connector
MFI Certified - Made for iPhone
5, 5c, 5s, 6, 6 Plus, iPad (4th
generation), iPad mini, mini 2,
mini 3, iPad Air, Air 2, iPod Touch
(5th generation), and iPod nano
(7th generation).
2-Year Limited Warranty
Applications
Sync and Charge your iPhone,
iPad, or iPod device
System Requirements
USB computer or wall adapter
MFI Certified - Made for iPhone
5, 5c, 5s, 6, 6 Plus, iPad (4th
generation), iPad mini, mini 2,
mini 3, iPad Air, Air 2, iPod Touch
(5th generation), and iPod nano
(7th generation).
Package Includes
3ft (1M) Black USB Sync /
Charge Cable with Lightning
Connector
1 / 2


同様の部品番号 - M100003BK

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
M100003WH TRIPPLITE-M100003WH Datasheet
479Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
More results

同様の説明 - M100003BK

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
M100-003-BK TRIPPLITE-M100-003-BK Datasheet
468Kb / 2P
   USB Sync / Charge Cable with Lightning Connector - Black , 3-ft. (1M)
M100003WH TRIPPLITE-M100003WH Datasheet
479Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100-003-WH TRIPPLITE-M100-003-WH Datasheet
476Kb / 2P
   USB Sync / Charge Cable with Lightning Connector - White , 3-ft. (1M)
M100-010-BK TRIPPLITE-M100-010-BK Datasheet
480Kb / 2P
   USB Sync/Charge Cable with Lightning Connector, Black, 10 ft. (3 m)
M100006BK TRIPPLITE-M100006BK Datasheet
472Kb / 2P
   Black USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
M100-006-BK TRIPPLITE-M100-006-BK Datasheet
469Kb / 2P
   USB Sync / Charge Cable with Lightning Connector - Black, 6-ft. (1.8M)
M100-010-WH TRIPPLITE-M100-010-WH Datasheet
475Kb / 2P
   USB Sync/Charge Cable with Lightning Connector, White, 10 ft. (3 m)
logo
IOGEAR
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
   Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
logo
Tripp Lite. All Rights ...
M100-010-HD TRIPPLITE-M100-010-HD Datasheet
167Kb / 3P
   Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 10 ft. (3 m)
M100-003-HD TRIPPLITE-M100-003-HD Datasheet
165Kb / 3P
   Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 3 ft. (0.9 m)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com