データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA24-800CW データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 BTA24-800CW
部品情報  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-800CW データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  BTA24-800CW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BTA24, BTB24, BTA25, BTA26
and T25 series
Snuberrless™ and Standard 25 A Triacs
Main features
Description
Available either in through-hole or surface-mount
packages, the BTA24, BTB24, BTA25, BTA26
and T25 triac series is suitable for general
purpose AC switching. They can be used as an
ON/OFF function in applications such as static
relays, heating regulation, induction motor starting
circuits... or for phase control operation in light
dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W and T25
series) are specially recommended for use on
inductive loads, thanks to their high commutation
performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab
(rated at 2500VRMS) complying with UL standards
(File ref.: E81734).
Order codes
Symbol
Value
Unit
IT(RMS)
25
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
35 to 50
mA
Part Number
Marking
BTA24-xxxxxRG
See Table 6 on page 6
BTB24-xxxxxRG
BTA25-xxxxxRG
BTA26-xxxxxRG
T25xx-xxxG
T25xx-xxxG-TR
D2PAK
(T25-G)
RD91
(BTA25)
TOP3 Insulated
(BTA26)
TO-220AB Insulated
(BTA24)
TO-220AB
(BTB24)
A2
A1
G
2014-6-16
www.kersemi.com
1


同様の部品番号 - BTA24-800CW

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA24-800CW STMICROELECTRONICS-BTA24-800CW Datasheet
137Kb / 12P
   25A TRIACS
logo
Inchange Semiconductor ...
BTA24-800CW ISC-BTA24-800CW Datasheet
201Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

同様の説明 - BTA24-800CW

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com