データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA24-800CW データシート(PDF) 2 Page - Kersemi Electronic Co., Ltd.

部品番号 BTA24-800CW
部品情報  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-800CW データシート(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  BTA24-800CW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-800CW Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
D2PAK /
TO-220AB
Tc = 100° C
25
A
RD91 /
TOP3 Ins.
Tc = 90° C
TO-220AB Ins.
Tc = 75° C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
250
A
F = 60 Hz
t = 16.7 ms
260
I²tI²t Value for fusing
tp = 10 ms
340
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25° C
VDSM/VRSM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
4
A
PG(AV)
Average gate power dissipation
Tj = 125° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
Table 2.
Electrical characteristics (Tj = 25° C, unless otherwise specified), Snubberless™ and
Logic Level (3 quadrants) T25-G, BTA/BTB24...W, BTA25...W, BTA26...W
Symbol
Test Conditions
Quadrant
T25
BTA/BTB
Unit
T2535
CW
BW
IGT
(1)
VD = 12 V RL = 33 Ω
I - II - III
MAX.
35
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125° C
I - II - III
MIN.
0.2
V
IH
(2)
IT = 500 mA
MAX.
50
50
75
mA
IL
IG = 1.2 IGT
I - III
MAX.
70
70
80
mA
II
80
80
100
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125° C
MIN.
500
500
1000
V/µs
(dI/dt)c (2)
Without snubber
Tj = 125° C
MIN.
131322
A/ms
1.
minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1.
BTA24, BTB24, BTA25, BTA26
and T25 series
2014-6-16
www.kersemi.com
2


同様の部品番号 - BTA24-800CW

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA24-800CW STMICROELECTRONICS-BTA24-800CW Datasheet
137Kb / 12P
   25A TRIACS
logo
Inchange Semiconductor ...
BTA24-800CW ISC-BTA24-800CW Datasheet
201Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

同様の説明 - BTA24-800CW

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com