データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA24-800C データシート(PDF) 11 Page - Kersemi Electronic Co., Ltd.

部品番号 BTA24-800C
部品情報  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-800C データシート(HTML) 11 Page - Kersemi Electronic Co., Ltd.

Back Button BTA24-800C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. BTA24-800C Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Note: xxx = voltage, yy = sensitivity, z = type
5
Revision History
Ordering type
Marking
Package
Weight
Base qty Delivery mode
BTA/BTB24-xxxyyzRG
BTA/BTB24xxxyyz
TO-220AB
2.3 g
50
Tube
BTA25-xxxyyzRG
BTA25-xxxyyz
RD91
20 g
25
Bulk
BTA26-xxxyzRG
BTA26-xxxyyz
TOP3 Ins.
4.5 g
30
Tube
T2535-xxxG
T2535xxxG
D2PAK
1.5 g
50
Tube
T2535-xxxG-TR
T2535xxxG
1000
Tape and reel
Date
Revision
Description of Changes
Oct-2002
6A
Previous update.
13-Feb-2006
7
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
31-May-2006
8
Reformatted to current standard. Tc in figure 3 changed
to Tamb
31-Jul-2006
9
Typing error corrected on page 1 (BTB124 instead of
BTB24)
BTA24, BTB24, BTA25, BTA26
and T25 series
4
Ordering information
2014-6-16
www.kersemi.com
11


同様の部品番号 - BTA24-800C

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
BTA24-800CRG UMW-BTA24-800CRG Datasheet
762Kb / 6P
   vacuum cleaners, power tools and other motor speed controllers; solid state relays; heating controllers (temperature regulation); other phase control circuits.
logo
STMicroelectronics
BTA24-800CW STMICROELECTRONICS-BTA24-800CW Datasheet
137Kb / 12P
   25A TRIACS
logo
Kersemi Electronic Co.,...
BTA24-800CW KERSEMI-BTA24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
logo
Inchange Semiconductor ...
BTA24-800CW ISC-BTA24-800CW Datasheet
201Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA24-800CWRG STMICROELECTRONICS-BTA24-800CWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
More results

同様の説明 - BTA24-800C

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com