データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U025001PM データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 U025001PM
部品情報  USB 2.0 Hi-Speed Panel Mount Extension Cable (B to Panel Mount B M-F), 1-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U025001PM データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U025001PM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U025001PM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed Panel Mount Extension Cable (B
to Panel Mount B M/F), 1-ft.
MODEL NUMBER: U025-001-PM
Description
This 1-ft Panel Mount USB extension cable is manufactured using USB2.0 cable. It features a panel mount
connector that allows you to secure a USB B female port in a fixed location, for custom solutions such as an internally mounted drive. It is designed for use
with USB 2.0 devices, but is backwards compatible and can also be used with USB 1.1. Made with superior foil shielding for reliable error-free data
communications. The cable is manufactured with molded connectors and integral strain relief for extra durability and long life.
Features
Add a fixed USB B female port to a custom solution, such as an internally mounted drive
Data transfer rates (1.5 to 480 Mbps) for low speed and high speed devices
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil feature twisted 28/20 AWG data lines
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.3
PHYSICAL
Highlights
Add a fixed USB B female port to
a custom solution, such as an
internally mounted drive
Data transfer rates (1.5 to 480
Mbps) for low speed and high
speed devices
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28/20 AWG data lines
System Requirements
Any device requiring a longer
USB cable
Package Includes
U025-001-PM 1-ft. Panel Mount
USB 2.0 Extension Cable (USB B
M/F)
1 / 2


同様の部品番号 - U025001PM

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U021-003 TRIPPLITE-U021-003 Datasheet
153Kb / 2P
   USB 2.0 A/B Cable (M/M), 3-ft.
U021003 TRIPPLITE-U021003 Datasheet
467Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 3-ft
logo
Belden Inc.
U02102 BELDEN-U02102 Datasheet
144Kb / 2P
   TC XLPE/LSZH, 2 C #10 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
12-22-2023
U02122 BELDEN-U02122 Datasheet
145Kb / 2P
   TC XLPE/LSZH, 2 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
02-15-2024
U02122-0102500 BELDEN-U02122-0102500 Datasheet
145Kb / 2P
   TC XLPE/LSZH, 2 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
02-15-2024
More results

同様の説明 - U025001PM

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U02406NPM TRIPPLITE-U02406NPM Datasheet
489Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Extension Cable (A to panel mount B M-F), 6-in
U024001PM TRIPPLITE-U024001PM Datasheet
489Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Extension Cable (A to panel mount A M-F), 1-ft
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U024-001-5P-PM TRIPPLITE-U024-001-5P-PM Datasheet
504Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 1 ft.
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022010R TRIPPLITE-U022010R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com