データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U026016 データシート(PDF) 2 Page - Tripp Lite. All Rights Reserved

部品番号 U026016
部品情報  USB 2.0 Hi-Speed Active Extension Cable (A M-F), 16-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U026016 データシート(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U026016 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U026016 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB Charging
No
INPUT
Cable Length (ft.)
16
Cable Length (m)
4.88
PHYSICAL
Color
Black
ENVIRONMENTAL
Storage Temperature Range
-20 to 80 C (-4 to 176 F)
Operating Temperature
-20 to 80 C (-4 to 176 F)
CONNECTIONS
Connector A
USB A (MALE)
Connector B
USB A (FEMALE)
SPECIAL FEATURES
Chromebook Compatible
Yes
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


同様の部品番号 - U026016

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U026-016 TRIPPLITE-U026-016 Datasheet
556Kb / 3P
   USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
   USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
U026-10M TRIPPLITE-U026-10M Datasheet
174Kb / 2P
   USB 2.0 Active Extension Repeater Cable (A M/F), 10M (33-ft.)
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
   USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
U026-20M TRIPPLITE-U026-20M Datasheet
170Kb / 3P
   USB 2.0 Active Extension Repeater Cable (A-A M/F), 20M (65-ft.)
More results

同様の説明 - U026016

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U026-016 TRIPPLITE-U026-016 Datasheet
556Kb / 3P
   USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U02610M TRIPPLITE-U02610M Datasheet
516Kb / 2P
   USB 2.0 Hi-Speed Active Extension Repeater Cable (A M-F), 10M (33-ft)
U02620M TRIPPLITE-U02620M Datasheet
505Kb / 2P
   USB 2.0 Hi-Speed Active Extension Repeater Cable (A-A M-F), 20M (65-ft)
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
   USB 2.0 Extension Cable (A M/F) 16-ft.
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
   USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com