データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U050010 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 U050010
部品情報  USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 10-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U050010 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U050010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U050010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed A to Micro-B Cable (M/M), 10-ft.
MODEL NUMBER: U050-010
Description
Micro-USB is the next generation of USB connector that will be found on Cell Phones, PDA's, USB On-the-Go ( OTG ) devices, Digital Cameras, and more.
Smaller and more durable ( 10,000 insertion cycles ) than the existing mini-B connectors, the Micro-USB will also handle Power transfers, as well as Data. The
USB Implementers Forum ( USB-IF ) has designed the Micro-USB to eliminate many of the proprietary Mini connectors found on different manufacturers digital
devices, and it will be the standard USB connection on phones from the major cell phone manufacturers. USB 2.0 rated cable handles 480Mbps data transfer
rates.
Features
USB A Male to Micro-B Male
Available in 3ft,6ft, and 10ft lengths
480Mbps USB 2.0 Data Transfer Rates
Data and Power transference
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
Highlights
Next Generation USB Digital
Device Connector
Provides both Data and Power
transfers
USB 2.0 480Mbps Transfer rates
Standard "A" Male to Micro-B
Male
System Requirements
Digital devices that use the USB
Micro-B Female socket
Package Includes
10 ft. USB 2.0 A-Male to Micro-B
Male
1 / 2


同様の部品番号 - U050010

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U050003 TRIPPLITE-U050003 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 3-ft
U050006 TRIPPLITE-U050006 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 6-ft
U05007NOTG TRIPPLITE-U05007NOTG Datasheet
488Kb / 2P
   USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male plus Micro-B Male to Micro-B Male, 7-in
More results

同様の説明 - U050010

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022010R TRIPPLITE-U022010R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022-010 TRIPPLITE-U022-010 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U050006 TRIPPLITE-U050006 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 6-ft
U022010 TRIPPLITE-U022010 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U050003 TRIPPLITE-U050003 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 3-ft
U050-010 TRIPPLITE-U050-010 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 10-ft.
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com