データシートサーチシステム |
|
ST110S16P1VL データシート(PDF) 4 Page - International Rectifier |
|
ST110S16P1VL データシート(HTML) 4 Page - International Rectifier |
4 / 9 page ST110S Series Ordering Information Table 5 3 4 ST 11 0 S 16 P 0 V 7 6 89 ∆R thJC Conduction (The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC) Device Code 12 180° 0.035 0.025 T J = T J max. 120° 0.041 0.042 90° 0.052 0.056 K/W 60° 0.076 0.079 30° 0.126 0.127 Conduction angle Sinusoidal conduction Rectangular conduction Units Conditions 1 - Thyristor 2 - Essential part number 3 - 0 = Converter grade 4 - S = Compression bonding Stud 5 - Voltage code: Code x 100 = V RRM (See Voltage Rating Table) 6 - P = Stud base 20UNF threads 7 - 0 = Eyelet terminals (Gate and Auxiliary Cathode Leads) 1 = Fast - on terminals (Gate and Auxiliary Cathode Leads) 2 = Flag terminals (For Cathode and Gate Terminals) 8 - V = Glass-metal seal (only up to 1200V) None = Ceramic housing (over 1200V) 9 - Critical dv/dt: None = 500V/µsec (Standard value) L = 1000V/µsec (Special selection) To Order Next Data Sheet Index Previous Datasheet |
同様の部品番号 - ST110S16P1VL |
|
同様の説明 - ST110S16P1VL |