データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST230C08C2L データシート(PDF) 6 Page - International Rectifier

部品番号 ST230C08C2L
部品情報  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST230C08C2L データシート(HTML) 6 Page - International Rectifier

  ST230C08C2L Datasheet HTML 1Page - International Rectifier ST230C08C2L Datasheet HTML 2Page - International Rectifier ST230C08C2L Datasheet HTML 3Page - International Rectifier ST230C08C2L Datasheet HTML 4Page - International Rectifier ST230C08C2L Datasheet HTML 5Page - International Rectifier ST230C08C2L Datasheet HTML 6Page - International Rectifier ST230C08C2L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ST230C..C Series
6
Bulletin I25162 rev. D 04/03
www.irf.com
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
20
30
40
50
60
70
80
90
00
10
20
30
0
100
200
300
400
500
600
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST230C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/W
thJ-hs
20
30
40
50
60
70
80
90
00
10
20
30
0
100 200 300 400 500 600 700 800
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST230C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/W
thJ-hs
0
100
200
300
400
500
600
700
800
900
000
100
0
100
200
300
400
500
600
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Angle
ST230C..C Series
T = 125˚C
J
0
200
400
600
800
1000
1200
1400
0
200
400
600
800
1000
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
ST230C..C Series
T = 125˚C
J
2000
2500
3000
3500
4000
4500
5000
5500
1
10
100
ST230C..C Series
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
000
500
000
500
000
500
000
500
000
500
0.01
0.1
1
Versus Pulse Train Duration. Control
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.
ST230C..C Series
Initial Tj = 125˚C
No Voltage Reapplied
Rated Vrrm Reapplied


同様の部品番号 - ST230C08C2L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST230C IRF-ST230C Datasheet
58Kb / 8P
   PHASE CONTROL THYRISTORS
ST230C IRF-ST230C Datasheet
58Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST230C..C VISHAY-ST230C..C Datasheet
140Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 410 A
Revision: 11-Aug-08
logo
International Rectifier
ST230C14C0 IRF-ST230C14C0 Datasheet
58Kb / 8P
   PHASE CONTROL THYRISTORS
ST230C20C0 IRF-ST230C20C0 Datasheet
58Kb / 8P
   PHASE CONTROL THYRISTORS
More results

同様の説明 - ST230C08C2L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com