データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1MJ データシート(PDF) 1 Page - Mercury United Electronics Inc

部品番号 U1MJ
部品情報  A round shaped AT-Cut crystal plate inside.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERCURY [Mercury United Electronics Inc]
ホームページ  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

U1MJ データシート(HTML) 1 Page - Mercury United Electronics Inc

  U1MJ_15 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mercury www .mercury-crystal.com
Taiwan : Tel (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: Tel: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China: Tel: (86)-512-5763-8100 / sales-cn@mecxtal.com
○○
: available ; ▲: contact Mercury
General Specifications ( Unit : mm )
○○
I
-40 to 85°C
○○○○
Y
-20 to 70°C
○○○○
X
-10 to 60°C
○○○○○
Table 2
Frequency stability vs Operating temperature range
Stability code
Temp. (ºC) \ ppm
± 5
± 10
± 15
± 20
± 25
± 30
± 50
± 100 (SL-cut )
9.0 ~ 10.9
AT , Fund.
90 Ω
80.0 ~ 200.0
AT , 5th
80 Ω
35.1 ~ 90.0
AT , 3rd
60 Ω
8.0 ~ 8.9
AT , Fund.
80 Ω
50.1 ~ 100.0
AT , 3rd
50 Ω
15.0 ~ 35.0
AT , Fund.
30 Ω
160.0 ~ 200.0
AT , 5th
80 Ω
7.0 ~ 7.9
AT , Fund.
90 Ω
30.0 ~ 50.0
AT , 3rd
40 Ω
Osc. Mode E.S.R
12.0 ~ 14.9
AT , Fund.
50 Ω
90.1 ~ 159.0
AT , 5th
100 Ω
6.0 ~ 6.9
AT , Fund.
100 Ω
13.0 ~ 45.0
AT , Fund.
25 Ω
1.0 ~ 1.2
SL , Fund.
5K Ω
11.0 ~ 12.9
AT , Fund.
40 Ω
10.0 ~ 11.9
AT , Fund.
60 Ω
90.1 ~ 135.0
Frequency Stability
See Table 2
Load Capacitance
Series or Parallel ( 8 to 32 pF ) resonance
AT , 3rd
40 Ω
E.S.R.
Freq.(MHz)
Aging
F / F : ±3 ppm / year ( max. )
Storage Temperature Range
- 50°C to 105°C
Table 1
U1 & U1MJ ESR ( Equivalent Series Resistance )
U5 & U5MJ ESR ( Equivalent Series Resistance )
Freq.(MHz) Osc. Mode
E.S.R.
Freq.(MHz)
Osc. Mode
E.S.R.
Freq.(MHz) Osc. Mode
Quartz Crystal [ Metal Jacket type ]
U1MJ series
SMD type
11.8 * 7.8 * 3.5 mm
Applications
Drive Level
100μ W typical ( 500μ W max. )
Frequency Tolerance
AT-cut : ± 5 ppm , ± 10 ppm , ± 20 ppm or ± 30 ppm at 25°C
SL-cut : ± 50 ppm at 25°C
Item / Type
U1MJ ( 11.8 * 7.8 * 3.5 mm )
Frequency Range
1.0 ~ 1.2 MHz , 6.0 ~ 200.0 MHz
A round shaped AT-Cut crystal plate inside.
Available up to 200 MHz using a 5th overtone crystal mode
Annealed and pre-aged for low frequency drift over a long-term operation
General Specifications
Paramenters
Electrical Spec.


同様の部品番号 - U1MJ_15

メーカー部品番号データシート部品情報
logo
Mercury United Electron...
U1MJ MERCURY-U1MJ Datasheet
110Kb / 1P
   Thru - Hole Crystals
More results

同様の説明 - U1MJ_15

メーカー部品番号データシート部品情報
logo
Mercury United Electron...
U5 MERCURY-U5_15 Datasheet
102Kb / 1P
   A round shaped AT-Cut crystal plate inside.
U5MJ MERCURY-U5MJ_15 Datasheet
103Kb / 1P
   A round shaped AT-Cut crystal plate inside.
U1 MERCURY-U1_15 Datasheet
105Kb / 1P
   A round shaped AT-Cut crystal plate inside.
logo
CRYSTEK CORPORATION
CO27VS12DE-02-10.000 CRYSTEKMICROWAVE-CO27VS12DE-02-10.000 Datasheet
159Kb / 2P
   AT-Cut Crystal
logo
List of Unclassifed Man...
CS10 ETC2-CS10_1 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
HCM49 ETC-HCM49 Datasheet
855Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CM309E CITIZEN-CM309E Datasheet
389Kb / 2P
   AT-CUT CRYSTAL UNIT
CS325H CITIZEN-CS325H Datasheet
751Kb / 1P
   AT-CUT CRYSTAL UNIT
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
List of Unclassifed Man...
CS325H ETC2-CS325H Datasheet
79Kb / 1P
   AT-CUT CRYSTAL UNIT
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com