データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KDR521T データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KDR521T
部品情報  SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR521T データシート(HTML) 1 Page - KEC(Korea Electronics)

  KDR521T Datasheet HTML 1Page - KEC(Korea Electronics) KDR521T Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 7. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR521T
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
HIGH FREQUENCY RECTIFICATION.
SWITCHING REGULATORS, CONVERTERS, CHOPPERS.
FEATURES
Low Forward Voltage : VF max=0.45V.
Low Leakage Current : IR max=200 A.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
A
B
D
E
TSM
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K0.60
L0.55
K
B
E
H
J
J
2
1
3
+_
+_
+_
+_
+_
1. NC
2. ANODE
3. CATHODE
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
T 2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
25
V
Reverse Voltage
VR
20
V
Average Forward Current
IO
1.0
A
Non-Repetitive Peak Surge Current
IFSM
3
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=1.0A
-
0.4
0.45
V
Reverse Current
IR
VR=20V
-
-
200
A


同様の部品番号 - KDR521T

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KDR521T KEC-KDR521T Datasheet
124Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
KDR521T KEC-KDR521T_02 Datasheet
124Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
KDR521T KEC-KDR521T_15 Datasheet
416Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

同様の説明 - KDR521T

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KDR511T KEC-KDR511T Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
SB10-05A3-BT SANYO-SB10-05A3-BT Datasheet
77Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
logo
KEC(Korea Electronics)
KDR400S KEC-KDR400S Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING SUPPLY)
KDR105 KEC-KDR105 Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105S KEC-KDR105S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR505S KEC-KDR505S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR701S KEC-KDR701S Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(FOR HIGH FREQUENCY RECTIFICATION)
logo
Leshan Radio Company
LRB551V-30T1G LRC-LRB551V-30T1G_11 Datasheet
62Kb / 3P
   Schottky barrier diode High-frequency rectification
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com