データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KDV214 データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KDV214
部品情報  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV214 データシート(HTML) 1 Page - KEC(Korea Electronics)

  KDV214 Datasheet HTML 1Page - KEC(Korea Electronics) KDV214 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV214
Revision No : 2
TV TUNING.
FEATURES
・High Capacitance Ratio : C2V/C25V=6.5(Typ.)
・Low Series Resistance : rS=0.4Ω(Typ.)
・Excellent C-V Characteristics, and Small Tracking Error.
・Useful for Small Size Tuner.
MAXIMUM RATING (Ta=25℃)
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Peak Reverse Voltage
VRM
35 (RL=10kΩ)
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55~125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1μA
30
-
-
V
Reverse Current
IR
VR=28V
-
-
10
nA
Capacitance
C2V
VR=2V, f=1MHz
14.16
-
16.25
pF
Capacitance
C25V
VR=25V, f=1MHz
2.11
-
2.43
pF
Capacitance Ratio
C2V/C25V
5.90
6.50
7.15
-
Series Resistance
rS
VR=5V, f=470MHz
-
0.4
0.55
Type Name
Marking
O
U
Note : Available in matched group for capacitance to 2.5%.
C(Max.)-C(Min.)
≦0.025
C(Min.)
(VR=2~25V)


同様の部品番号 - KDV214

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KDV214 KEXIN-KDV214 Datasheet
34Kb / 1P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDV214 KEC-KDV214 Datasheet
349Kb / 1P
   USC PACKAGE
KDV214A KEC-KDV214A Datasheet
349Kb / 1P
   USC PACKAGE
KDV214A KEC-KDV214A_15 Datasheet
368Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV214E KEC-KDV214E Datasheet
355Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
More results

同様の説明 - KDV214

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KDV310E KEC-KDV310E Datasheet
388Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE TV Tuning
KDV214E KEC-KDV214E Datasheet
355Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
KDV269E KEC-KDV269E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262 KEC-KDV262 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV269 KEC-KDV269 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262E KEC-KDV262E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV287 KEC-KDV287 Datasheet
64Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
KDV1484E KEC-KDV1484E Datasheet
384Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE AUDIO SIGNAL TUNING
KDV287E KEC-KDV287E Datasheet
62Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
logo
Toshiba Semiconductor
1SV290B TOSHIBA-1SV290B Datasheet
252Kb / 3P
   Variable Capacitance Diode Silicon Epitaxial Planar Type CATV Tuning
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com