データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P004015 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 P004015
部品情報  Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004015 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P004015 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004015 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Computer Power Extension Cord, 10A,
18AWG (IEC-320-C14 to IEC-320-C13), 15-ft.
MODEL NUMBER: P004-015
Description
Tripp Lite's line of AC power cords offer PC users a solution to their power connectivity problems. This handy 15ft. cord can be used to extend the power cord
on any PC or device with a C14 plug; or, to connect your C14 PC or device directly to the C13 port on your PDU or UPS. Features an IEC-320-C14 to
IEC-320-C13 connection. UL listed.
Features
UL Listed
15-ft. power extension cord for your PC or device with a C14 plug
Directly connect a C14 PC or device to the C13 port on your PDU or UPS
Plug type: IEC-320-C14 (male) to IEC-320-C13 (female)
18AWG SJT, 10A, 100-250V
Specifications
INPUT
Cable Length (ft.)
15
Cable Length (m)
4.57
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Highlights
UL Listed
C13 - C14
18AWG SJT, 10A, 100-250V
Package Includes
15-ft. Universal AC Power Cord -
PC Style Male (IEC-320-C14) to
PC Style Female (IEC-320-C13)
1 / 2


同様の部品番号 - P004015

メーカー部品番号データシート部品情報
logo
E-SWITCH
P004010 E-SWITCH-P004010 Datasheet
70Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P004011 E-SWITCH-P004011 Datasheet
164Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - P004015

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P004004GN TRIPPLITE-P004004GN Datasheet
480Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Green Plugs),4-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
P004004RD TRIPPLITE-P004004RD Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Red Plugs), 4-ft
P004004YW TRIPPLITE-P004004YW Datasheet
482Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Yellow Plugs), 4-ft
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com