データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC7SZ38FU データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KIC7SZ38FU
部品情報  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ38FU データシート(HTML) 2 Page - KEC(Korea Electronics)

  KIC7SZ38FU Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ38FU Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ38FU Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 5. 13
2/3
KIC7SZ38FU
Revision No : 0
Logic Diagram
IN B
(1)
(2)
(4)
IN A
&
OUT Y
ELECTRICAL CHARACTERISTICS
DC Characteristics
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Input
Voltage
High Level
VIH
-
1.65~1.95
0.75×
VCC
-
-
0.75×
VCC
-
V
2.3~5.5 0.7×VCC
-
-
0.7×VCC
-
Low Level
VIL
-
1.65~1.95
-
-
0.25×
VCC
-
0.25×
VCC
2.3~5.5
-
-
0.3×VCC
-
0.3×VCC
Output
Leakage
Voltage
High Level
ILKG
VIN=VIL
VOUT = VCC or GND
5.5
-
-
±5
-
±10
μA
Low Level
VOL
VIN=VIH
IOL=100μA
1.65
-
0
0.1
-
0.1
V
1.8
-
0
0.1
-
0.1
2.3
-
0
0.1
-
0.1
3.0
-
0
0.1
-
0.1
4.5
-
0
0.1
-
0.1
IOL=4mA
1.65
-
0.08
0.24
-
0.24
IOL=8mA
2.3
-
0.10
0.3
-
0.3
IOL=16mA
3.0
-
0.15
0.4
-
0.4
IOL=24mA
3.0
-
0.22
0.55
-
0.55
IOL=32mA
4.5
-
0.22
0.55
-
0.55
Input Leakage Current
IIN
VIN=5.5V or GND
0~5.5
-
-
±1
-
±10
μA
Power Off Leakage Current
IOFF
VIN or VOUT=5.5V
0.0
-
-
1
-
10
μA
Quiescent Supply Current
ICC
VIN=5.5V or GND
5.5
-
-
2.0
-
20
μA


同様の部品番号 - KIC7SZ38FU

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7SZ32FU KEC-KIC7SZ32FU Datasheet
30Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

同様の説明 - KIC7SZ38FU

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
logo
KEC(Korea Electronics)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC7WH00FU TOSHIBA-TC7WH00FU_01 Datasheet
227Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com