データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC7WZ125FK データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KIC7WZ125FK
部品情報  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ125FK データシート(HTML) 1 Page - KEC(Korea Electronics)

  KIC7WZ125FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ125FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ125FK Datasheet HTML 3Page - KEC(Korea Electronics) KIC7WZ125FK Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 5. 13
1/4
SEMICONDUCTOR
TECHNICAL DATA
KIC7WZ125FK
SILICON MONOLITHIC CMOS
DIGITAL INTEGRATED CIRCUIT
Revision No : 0
DUAL BUS BUFFER
FEATURES
・Super High Speed : tPD=2.6ns(Typ.) into 50pF at VCC=5V.
・High Output Driver : ±24mA at VCC=3V.
・Power Down High Impedance inputs/outputs.
・Outputs are Overvoltage Tolerant is 3-STATE mode.
・Wide Operating Voltage Range : VCC(opr)=1.65~5.5V.
DIM MILLIMETERS
A
B
D
E
US8
2.0 0.1
3.1 0.1
2.3 0.1
0.5
0.2+0.05/-0.04
0.7 0.1
0.12 0.04
0 ~ 0.1
C
F
G
H
C
B
G
H
1
4
5
8
+_
+_
+_
+_
+_
MAXIMUM RATINGS (Ta=25℃)
MARKING
Lot No.
Z125
Type Name
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
-0.5~7
V
DC Input Voltage
VIN
-0.5~7
V
DC Output Voltage
VOUT
-0.5~7
V
Input Diode Current
IIK
-50
mA
Output Diode Current
IOK
-50
mA
DC Output Current
IOUT
±
50
mA
DC VCC/ground Current
ICC
±
100
mA
Power Dissipation
PD
200
mW
Storage Temperature Range
Tstg
-65~150
Lead Temperature (10s)
TL
260
PIN CONNECTION(TOP VIEW)
1
G
1
2
1
A
2
Y
3
4
GND
8
CC
V
7
6
G
Y1
5
A 2
2
Truth Table
Logic Diagram
(2)
(1)
G
(6)
EN
1
(7)
(5)
G2
(3)
A1
A2
Y1
Y2
INPUTS
OUTPUTS
G
A
Y
H
X
Z
L
L
L
L
H
H
X : Don t Care
Z : High Impedance


同様の部品番号 - KIC7WZ125FK

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results

同様の説明 - KIC7WZ125FK

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7W125FK KEC-KIC7W125FK Datasheet
295Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com