データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC7WZ240FK データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KIC7WZ240FK
部品情報  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ240FK データシート(HTML) 2 Page - KEC(Korea Electronics)

  KIC7WZ240FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ240FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ240FK Datasheet HTML 3Page - KEC(Korea Electronics) KIC7WZ240FK Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 5. 13
2/4
KIC7WZ240FK
Revision No : 0
Recommended Operating Conditions
Note1 : Data retention only.
Note2 : Active State.
Note3 : 3-STATE
ELECTRICAL CHARACTERISTICS (DC Characteristics)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
1.65~5.5
V
1.5~5.5
(Note1)
Input Voltage
VIN
0~VCC
V
Output Voltage
VOUT
0~VCC
(Note2)
V
0~5.5
(Note3)
Operating Temperature
Topr
-40~85
Input Rise and Fall Time
tr, tf
0~20 (VCC=1.8±0.15V, 2.5±0.2V)
0~10 (VCC=3.8V±0.3V)
0~5 (VCC=5.0V±0.5V)
ns/V
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Input
Voltage
High Level
VIH
-
1.65~1.95
0.75×
VCC
-
-
0.75×
VCC
-
V
2.3~5.5 0.7×VCC
-
-
0.7×VCC
-
Low Level
VIL
-
1.65~1.95
-
-
0.25×
VCC
-
0.25×
VCC
2.3~5.5
-
-
0.3×VCC
-
0.3×VCC
Output
Voltage
High Level
VOH
VIN=
VIH or VIL
IOH=-100μA
1.65
1.55
1.65
-
1.55
-
V
2.3
2.2
2.3
-
2.2
-
3.0
2.9
3.0
-
2.9
-
4.5
4.4
4.5
-
4.4
-
IOH=-4mA
1.65
1.29
1.52
-
1.29
-
IOH=-8mA
2.3
1.9
2.15
-
1.9
-
IOH=-16mA
3.0
2.4
2.80
-
2.4
-
IOH=-24mA
3.0
2.3
3.68
-
2.3
-
IOH=-32mA
4.5
3.8
4.20
-
3.8
-
Low Level
VOL
VIN=
VIH or VIL
IOL=100μA
1.65
-
0
0.1
-
0.1
V
2.3
-
0
0.1
-
0.1
3.0
-
0
0.1
-
0.1
4.5
-
0
0.1
-
0.1
IOL=4mA
1.65
-
0.08
0.24
-
0.24
IOL=8mA
2.3
-
0.10
0.30
-
0.30
IOL=16mA
3.0
-
0.15
0.40
-
0.40
IOL=24mA
3.0
-
0.22
0.55
-
0.55
IOL=32mA
4.5
-
0.22
0.55
-
0.55
Input Leakage Current
IIN
VIN=5.5V or GND
0~5.5
-
-
±0.1
-
±1
μA
3-STATE Output Leakage
IOZ
VIN=VIH or VIL
0≤VOUT≤5.5V
1.65~5.5
-
-
±0.5
-
±5
μA
Power Off Leakage Current
IOFF
VIN or VOUT=5.5V
0.0
-
-
1
-
10
μA
Quiescent Supply Current
ICC
VIN=5.5V or GND
1.65~5.5
-
-
1
-
10
μA


同様の部品番号 - KIC7WZ240FK

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results

同様の説明 - KIC7WZ240FK

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7W125FK KEC-KIC7W125FK Datasheet
295Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com