データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC7WZ74FK データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KIC7WZ74FK
部品情報  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ74FK データシート(HTML) 1 Page - KEC(Korea Electronics)

  KIC7WZ74FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ74FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ74FK Datasheet HTML 3Page - KEC(Korea Electronics) KIC7WZ74FK Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 3. 7
1/4
SEMICONDUCTOR
TECHNICAL DATA
KIC7WZ74FK
SILICON MONOLITHIC CMOS
DIGITAL INTEGRATED CIRCUIT
Revision No : 1
D-TYPE FLIP FLOP WITH PRESET AND CLEAR
FEATURES
High output drive :
24mA(min.) @VCC=3V.
Super high speed operation : tpd 2.8ns(typ.) @VCC=3V, 50pF.
Operation voltage range : VCC(opr)=1.65~5.5V.
Latch-up performance :
500mA or more
ESD performance :
200V or more (EIAJ)
2000V or more (MIL)
Power down protection is provided on all inputs and outputs.
DIM
MILLIMETERS
A
B
D
E
US8
2.0 0.1
3.1 0.1
2.3 0.1
0.5
0.2+0.05/-0.04
0.7 0.1
0.12 0.04
0 ~ 0.1
C
F
G
H
C
B
G
H
1
45
8
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
)
MARKING
Lot No.
Z74
Type Name
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
-0.5~6
V
DC Input Voltage
VIN
-0.5~6
V
DC Output Voltage
VOUT
-0.5~6
V
Input Diode Current
IIK
-20
mA
Output Diode Current
IOK
-20
mA
DC Output Current
IOUT
50
mA
DC VCC/ground Current
ICC
50
mA
Power Dissipation
PD
200
mW
Storage Temperature Range
Tstg
-65
150
Lead Temperature (10s)
TL
260
PIN CONNECTION(TOP VIEW)
1
2
3
4
8
7
6
5
VCC
GND
PR
CLR
Q
Q
D
D
CK
CK
PR
QQ
CLR


同様の部品番号 - KIC7WZ74FK

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results

同様の説明 - KIC7WZ74FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WG74FC TOSHIBA-TC7WG74FC Datasheet
179Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC7WG74FU TOSHIBA-TC7WG74FU Datasheet
197Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
logo
KEC(Korea Electronics)
KIC7W74FK KEC-KIC7W74FK Datasheet
315Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
logo
Toshiba Semiconductor
TC7WH74FC TOSHIBA-TC7WH74FC Datasheet
148Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC74HC74AP TOSHIBA-TC74HC74AP_07 Datasheet
312Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
TC74ACT74P TOSHIBA-TC74ACT74P_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
TC74AC74F TOSHIBA-TC74AC74F_07 Datasheet
275Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com