データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XX1000-QT データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 XX1000-QT
部品情報  Active Doubler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1000-QT データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  XX1000-QT_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XX1000-QT_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
7
Active Doubler
7.5-22.5/15.0-45.0 GHz
XX1000-QT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
MTTF
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
55
65
75
85
95
MTTF is calculated from accelerated life-time data of single devices and
assumes isothermal back-plate.
Bias Conditions: Vd1,2 = 5.0V, Id1,2 = 220 mA, Vss = -5.0V, Iss = 50 mA


同様の部品番号 - XX1000-QT_15

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
More results

同様の説明 - XX1000-QT_15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
XX1002-QH MA-COM-XX1002-QH_15 Datasheet
896Kb / 6P
   Active Doubler
XX1002-QH MA-COM-XX1002-QH Datasheet
896Kb / 6P
   Active Doubler
XX1000-BD MA-COM-XX1000-BD Datasheet
798Kb / 8P
   Active Doubler
XX1000-QT MA-COM-XX1000-QT Datasheet
785Kb / 9P
   Active Doubler
logo
Custom MMIC Design Serv...
CMD214 MMIC-CMD214 Datasheet
204Kb / 9P
   24-36 GHz Active Frequency Doubler
logo
Qorvo, Inc
CMD214 QORVO-CMD214 Datasheet
199Kb / 9P
   24-36 GHz Active Frequency Doubler
CMD213 QORVO-CMD213 Datasheet
198Kb / 9P
   30-40 GHz Active Frequency Doubler
logo
Custom MMIC Design Serv...
CMD213 MMIC-CMD213 Datasheet
198Kb / 9P
   30-40 GHz Active Frequency Doubler
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com