データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XX1001-BD データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 XX1001-BD
部品情報  Doubler and Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1001-BD データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XX1001-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XX1001-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Doubler and Power Amplifier
18.0-21.0/36.0-42.0 GHz
XX1001-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Electrical Specifications: 18-21 GHz (fin) (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Output Frequency Range (fout)
GHz
36.0
-
42.0
Input Return Loss (S11)
dB
-
TBD
-
Output Return Loss (S22)
dB
-
12.0
-
Fundamental Rejection
dBc
-
50.0
-
RF Input Power (RF Pin)
dBm
-
0.0
-
Output Power at 0.0 dBm Pin (Pout)
dBm
-
+26.0
-
Drain Supply Voltage (Vd1) Doubler
V
-
2.5
3.0
Drain Supply Voltage (Vd2) Buffer Amplifier
V
-
3.0
4.0
Drain Supply Voltage (Vd3,4,5,6) Power Amplifier
V
-
4.5
5.5
Gate Supply Voltage (Vg1) Doubler
V
-
-1.2
-
Drain Supply Current (Id1) Doubler
mA
-
<1.0
-
Drain Supply Current (Id2) Buffer Amplifier
mA
-
20
25
Drain Supply Current (Id3,4,5,6) (Vg=-0.7V Typical) Power Amplifier
mA
-
530
600
Block Diagram & Schematics
AMP
VD
VG
AMP
VD
VG
AMP
VD
VG
AMP
VD
VG
AMP
VD
VG
X2
VD
VG
RFo ut
RFin
VD3
VD4
VD5
VD6
VD2
VG3
VG4
VG5
VG6
VG2
VG1
VD1


同様の部品番号 - XX1001-BD_15

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1001-BD-000V MIMIX-XX1001-BD-000V Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD-000W MIMIX-XX1001-BD-000W Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD-EV1 MIMIX-XX1001-BD-EV1 Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
More results

同様の説明 - XX1001-BD_15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK_15 Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001 MA-COM-XX1001 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
logo
PREMIER DEVICES, INC.
D10040230P1 PDI-D10040230P1 Datasheet
134Kb / 4P
   Hybrid Power Doubler amplifier module
logo
TriQuint Semiconductor
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com