データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KRA724U データシート(PDF) 4 Page - KEC(Korea Electronics)

部品番号 KRA724U
部品情報  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA724U データシート(HTML) 4 Page - KEC(Korea Electronics)

  KRA724U Datasheet HTML 1Page - KEC(Korea Electronics) KRA724U Datasheet HTML 2Page - KEC(Korea Electronics) KRA724U Datasheet HTML 3Page - KEC(Korea Electronics) KRA724U Datasheet HTML 4Page - KEC(Korea Electronics) KRA724U Datasheet HTML 5Page - KEC(Korea Electronics) KRA724U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2002. 1. 24
4/6
KRA721U~KRA726U
Revision No : 1
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-100
-0.3
O
I(ON)
-0.3
-1
-3
-10
-30
-1
-3
-5
-10
-30
-50
-100
-0.5
-0.5
-100
-50
-30
-10
-5
-3
-1
-30
-10
-3
-1
-0.3
I(ON)
O
-0.3
-100
-0.1
I
- V
-0.5
-100
-50
-30
-10
-5
-3
-1
-30
-10
-3
-1
-0.3
I(ON)
O
-0.3
-100
-0.1
I
- V
I
- V
-0.1
-100
-0.3
O
I(ON)
-0.3
-1
-3
-10
-30
-1
-3
-5
-10
-30
-50
-100
-0.5
I
- V
-0.1
-100
-0.3
O
I(ON)
-0.3
-1
-3
-10
-30
-1
-3
-5
-10
-30
-50
-100
-0.5
-0.5
-100
-50
-30
-10
-5
-3
-1
-30
-10
-3
-1
-0.3
I(ON)
O
-0.3
-100
-0.1
I
- V
KRA721U
V =-0.2V
O
Ta=25 C
Ta=-25 C
25
-25
100
KRA722U
KRA723U
K
RA724U
KRA725U
K
RA726U
V =-0.2V
O
Ta=25 C
Ta=-25 C
V =-0.2V
O
O
V =-0.2V
V =-0.2V
O
O
V =-0.2V
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
Ta=25 C
Ta=-25 C


同様の部品番号 - KRA724U

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRA724E KEC-KRA724E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA724T KEC-KRA724T Datasheet
68Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

同様の説明 - KRA724U

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com