データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KRC839U データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KRC839U
部品情報  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC839U データシート(HTML) 1 Page - KEC(Korea Electronics)

  KRC839U Datasheet HTML 1Page - KEC(Korea Electronics) KRC839U Datasheet HTML 2Page - KEC(Korea Electronics) KRC839U Datasheet HTML 3Page - KEC(Korea Electronics) KRC839U Datasheet HTML 4Page - KEC(Korea Electronics) KRC839U Datasheet HTML 5Page - KEC(Korea Electronics) KRC839U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2002. 7. 10
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRC836U~KRC842U
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
DIM
MILLIMETERS
A
B
D
G
US6
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1.3 0.1
A1
5
+_
+_
+_
+_
+_
1. Q COMMON (EMITTER)
2. Q COMMON (EMITTER)
3. Q IN (BASE)
4. Q OUT (COLLECTOR)
5. Q IN (BASE)
6. Q OUT (COLLECTOR)
1
1
1
2
2
2
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25
)
MARK SPEC
R1
R2
COMMON
OUT
IN
Type Name
12
3
6
54
TYPE NO.
R1(k
)
R2(k
)
KRC836U
1
10
KRC837U
2.2
2.2
KRC838U
2.2
10
KRC839U
4.7
10
KRC840U
10
4.7
KRC841U
47
10
KRC842U
100
100
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRC836U~842U
VO
50
V
Input Voltage
KRC836U
VI
10, -5
V
KRC837U
12, -10
KRC838U
12,-5
KRC839U
20, -7
KRC840U
30, -10
KRC841U
40, -15
KRC842U
40, -10
Output Current
KRC836U~842U
IO
100
mA
Power Dissipation
PD *
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
TYPE
KRC836U KRC837U KRC838U KRC839U KRC840U KRC841U KRC842U
MARK
Y2
Y4
Y5
Y6
Y7
Y8
Y9
1
Q1
23
65
4
Q2
EQUIVALENT CIRCUIT (TOP VIEW)
* Total Rating.
Marking


同様の部品番号 - KRC839U

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRC839E KEC-KRC839E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

同様の説明 - KRC839U

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KTD2092 KEC-KTD2092 Datasheet
398Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC660E KEC-KRC660E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com