データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KRX102 データシート(PDF) 3 Page - KEC(Korea Electronics)

部品番号 KRX102
部品情報  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX102 データシート(HTML) 3 Page - KEC(Korea Electronics)

  KRX102 Datasheet HTML 1Page - KEC(Korea Electronics) KRX102 Datasheet HTML 2Page - KEC(Korea Electronics) KRX102 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 1. 24
3/3
KRX102E
Revision No : 1
I
- V
0.1
100
0.3
O
I(ON)
I
- V
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
Q
O
V =0.2V
I(ON)
INPUT ON VOLTAGE V
(V)
I
- V
O
I(OFF)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I
- V
O
I(OFF)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
Ta=25 C
Ta=-25 C
30
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
100
300
500
1k
3k
5k
10k
V =5V
O
G - I
O
OUTPUT CURRENT I
(mA)
0.5
1
3
10
5
IO
G - I
O
OUTPUT CURRENT I
(mA)
IO
30
100
10
30
50
100
300
V =5V
O
Ta=100 C
Ta=25 C
Ta=-25 C
-0.1
-0.3
-1
-3
-0.3
-10
-30
-100
-0.5
-1
-3
-5
-10
-30
-50
-100
V =-0.2V
O
Ta=25 C
Ta=-25 C
-25
25
100
-3
-1
20
50
-10
-30
100
1k
V =-5V
O
-100
300
500
Ta=100 C
Ta=25 C
Ta=-25 C
0
-50
-30
-100
-1k
-300
-500
-3k
V =-5V
O
-0.2
-0.4
-0.6
-0.8 -1.0
-1.2
-1.4
-1.6
1
Q1
Q 1
Q 2
2
Q
2
Q


同様の部品番号 - KRX102

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRX102 KEC-KRX102 Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102F KEC-KRX102F Datasheet
368Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION
KRX102U KEC-KRX102U Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

同様の説明 - KRX102

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRX105E KEC-KRX105E Datasheet
80Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202E KEC-KRX202E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205U KEC-KRX205U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102U KEC-KRX102U Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105U KEC-KRX105U Datasheet
438Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201U KEC-KRX201U Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205E KEC-KRX205E Datasheet
81Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX104E KEC-KRX104E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201E KEC-KRX201E Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com