データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KRX205E データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KRX205E
部品情報  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX205E データシート(HTML) 2 Page - KEC(Korea Electronics)

  KRX205E Datasheet HTML 1Page - KEC(Korea Electronics) KRX205E Datasheet HTML 2Page - KEC(Korea Electronics) KRX205E Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 1. 24
2/3
KRX205E
Revision No : 1
Q1 ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
Q2 ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
100
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
DC Current Gain
hFE
VCE=5V, IC=1
120
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10 , IB=0.5
-
0.1
0.3
V
Transition Frequency
fT *
VCE=10V, IC=5
-
250
-
Input Resistor
R1
-
4.7
-
Switching
Time
Ries time
tr
VO=5V, VIN=5V, RL=1k
-
0.025
-
Storage Time
tstg
-
3.0
-
Fall Time
tf
-
0.2
-
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-100
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
DC Current Gain
hFE
VCE=-5V, IC=-1
120
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-10 , IB=-0.5
-
-0.1
-0.3
V
Transition Frequency
fT *
VCE=-10V, IC=-5
-
250
-
Input Resistor
R1
-
4.7
-
Switching
Time
Ries time
tr
VO=-5V, VIN=-5V, RL=1k
-
0.2
-
Storage Time
tstg
-
2.0
-
Fall Time
tf
-
0.3
-


同様の部品番号 - KRX205E

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRX205U KEC-KRX205U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

同様の説明 - KRX205E

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KRX102E KEC-KRX102E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105E KEC-KRX105E Datasheet
80Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202E KEC-KRX202E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205U KEC-KRX205U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102U KEC-KRX102U Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105U KEC-KRX105U Datasheet
438Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201U KEC-KRX201U Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX104E KEC-KRX104E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201E KEC-KRX201E Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com