データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1807L データシート(PDF) 4 Page - KEC(Korea Electronics)

部品番号 KTA1807L
部品情報  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1807L データシート(HTML) 4 Page - KEC(Korea Electronics)

  KTA1807L Datasheet HTML 1Page - KEC(Korea Electronics) KTA1807L Datasheet HTML 2Page - KEC(Korea Electronics) KTA1807L Datasheet HTML 3Page - KEC(Korea Electronics) KTA1807L Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2003. 3. 27
4/4
KTA1807D/L
Revision No : 2
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
ob
CB
COLLECTOR CURRENT I
(mA)
C
f
- I
TC
AMBIENT TEMPERATURE Ta ( C)
0
0
P
- Ta
50
100
150
200
2
4
6
8
10
12
WITH 7.5cm
0.8mm
CERAMIC SUBSTRATE
2
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
-0.005
CE
-0.01
-0.03
-0.1
-0.3
-0.5
-1
-3
-1
-3
-10
-30
-100
-300
-1K
5
10
30
50
100
200
-3
-10
-30
-100
-300
5
100
10
30
50
-0.003 -0.005
-0.01
-0.03 -0.05
-0.1
-0.2
I
=0
E
V
=-5V
CE
1
0.1
0.01
PULSE WIDTH t
(s)
w
r
- t
th
w
CURVES SHOULD BE APPLIED IN
THERMAL LIMITED AREA.
(SINGLE NONREPETITIVE PULSE)
INFINITE HEAT SINK
WITHOUT HEAT SINK
1
2
10
100
1
10
100
300
1
2
T
200mS
*
I
MAX.
I
(Pulse) MAX. *
C
C
* SINGLE NONREPETITVE
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
PULSE Tc=25 C
Tc=25 C
1
2
Ta=25 C
3
1
3
2


同様の部品番号 - KTA1807L

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1807L KEC-KTA1807L Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

同様の説明 - KTA1807L

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTB1370 KEC-KTB1370 Datasheet
417Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)
KTC4521 KEC-KTC4521 Datasheet
366Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4521F KEC-KTC4521F Datasheet
382Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
logo
NEC
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com